Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53780-0670 Datasheet(PDF) 3 Page - MolexKits

Part # 53780-0670
Description  Ultra Low Profile SMT Right Angle Header and Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

53780-0670 Datasheet(HTML) 3 Page - MolexKits

  53780-0670 Datasheet HTML 1Page - MolexKits 53780-0670 Datasheet HTML 2Page - MolexKits 53780-0670 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0165
Molex Part No.
63811-7900 *
57352-5000 *
57352-5100 *
*Tool(s) not included in kit. Tool(s) ordered separately.
Country
of Origin
Description
Hand Crimp Tool, UL Approved
Hand Crimp Tool - Japan
USA
Hand Crimp Tool - Japan
USA
Sweden
Recommended Molex Tools for Part No. 76650-0165*
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 3 of 3


Similar Part No. - 53780-0670

ManufacturerPart #DatasheetDescription
logo
MolexKits
53780-0670 MOLEXKITS-53780-0670 Datasheet
24Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
53780-0670 MOLEX7-53780-0670 Datasheet
439Kb / 7P
   1.25mm (.049") Pitch PanelMate??Header, Surface Mount, Right Angle, 1.90mm(.075") Height, Lead-free, 6 Circuits
53780-0670 MOLEX-53780-0670 Datasheet
406Kb / 5P
   1.25 W/B CONN WAFER ASSY FOR SMT
logo
MolexKits
53780-0670-P MOLEXKITS-53780-0670-P Datasheet
43Kb / 5P
   Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
More results

Similar Description - 53780-0670

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0004 MOLEXKITS-76650-0004 Datasheet
38Kb / 2P
   Ultra Low Profile SMT ZIF Right Angle Receptacle
76650-0005 MOLEXKITS-76650-0005 Datasheet
39Kb / 3P
   Ultra Low Profile SMT ZIF Right Angle Receptacle and Premo-Flex Cable
76650-0139 MOLEXKITS-76650-0139 Datasheet
43Kb / 2P
   IDT SMT Right Angle Header and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0127 MOLEXKITS-76650-0127 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0129 MOLEXKITS-76650-0129 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
76650-0016 MOLEXKITS-76650-0016 Datasheet
39Kb / 2P
   Right Angle Header and Receptacle
76650-0223 MOLEXKITS-76650-0223 Datasheet
42Kb / 2P
   Low Profile Pos Lock Interconnect Right Angle Header and Receptacle,7A 250V
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com