Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43680-2005 Datasheet(PDF) 1 Page - MolexKits

Part # 43680-2005
Description  Free Hanging Plug and Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

43680-2005 Datasheet(HTML) 1 Page - MolexKits

  43680-2005 Datasheet HTML 1Page - MolexKits 43680-2005 Datasheet HTML 2Page - MolexKits 43680-2005 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0160
Receptacles and Plugs
2, 3, 4, 5 and 6
12-18 Amps Max. - Dependant on circuit size and wire gauge
Wire size:
Circuit Sizes:
600 Volts
18-14 AWG
Connector Type:
Voltage:
Current Rating:
Product Highlights
The Sabre housings provide a lower-cost option to compete with connectors
offering a similar voltage and current rating. The Sabre system is a robust, high-
power connector, supplying up to 18 amperes per circuit. The Sabre power-
connector system provides design flexibility by accepting a wide range of wire
gauges and insulation thicknesses. Lower-flammability Sabre products continue low-
cost, high-power connector system legacy.
General Information
Molex / Waldom
Wire to Wire
7.5mm (.295")
Kit assembled in U.S.A.
Description:
Product Family:
Specifications
Pitch:
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Design
Configuration:
Part Number:
76650-0160
Manufacturer:
Country of Origin:
Sabre™
Certificates:
Free Hanging Plug and Receptacle
Title:
Sabre Power Connector Kit
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 3


Similar Part No. - 43680-2005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43680-2005 MOLEX11-43680-2005 Datasheet
52Kb / 2P
   7.50mm Pitch Sabre Plug Crimp Housing, UL 94V-0, 5 Circuits, Glow Wire Compatible
More results

Similar Description - 43680-2005

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0061 MOLEXKITS-76650-0061 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
76650-0062 MOLEXKITS-76650-0062 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
76650-0017 MOLEXKITS-76650-0017 Datasheet
39Kb / 2P
   Free Hanging Plug and Receptacle, 3-9 A 250V
76650-0159 MOLEXKITS-76650-0159 Datasheet
38Kb / 2P
   3.00mm(.118)Pitch Single Row Free Hanging Plug and Receptacle
logo
TE Connectivity Ltd
C-2106136 TEC-C-2106136 Datasheet
352Kb / 1P
   ASSEMBLY, RECEPTACLE, FREE HANGING, SLIMSEAL SSL CONNECTOR
logo
Tyco Electronics
207359-1 MACOM-207359-1 Datasheet
71Kb / 1P
   HOUSING, RECEPTACLE, 3 POSITION, IN-LINE, FREE HANGING, METRMATE
1445049 MACOM-1445049 Datasheet
52Kb / 1P
   PLUG HOUSING, 2 TO 12 POSITION, SINGLE ROW, FREE HANGING
logo
Molex Electronics Ltd.
03-06-2362 MOLEX11-03-06-2362 Datasheet
38Kb / 1P
   1.57mm Diameter Standard .062 Pin and Socket Plug Housing, 36 Circuits, 4 Rows, Free-Hanging
logo
Tyco Electronics
292156-6 MACOM-292156-6 Datasheet
56Kb / 1P
   FREE HANGING TYPE RELAY POST HEADER ASSY
logo
List of Unclassifed Man...
UTL1122G1W5S ETC2-UTL1122G1W5S Datasheet
324Kb / 1P
   FEMALE FREE HANGING SIZE 12 LAYOUT 8 CONTACTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com