Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH3830L Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PH3830L
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PH3830L Datasheet(HTML) 1 Page - NXP Semiconductors

  PH3830L Datasheet HTML 1Page - NXP Semiconductors PH3830L Datasheet HTML 2Page - NXP Semiconductors PH3830L Datasheet HTML 3Page - NXP Semiconductors PH3830L Datasheet HTML 4Page - NXP Semiconductors PH3830L Datasheet HTML 5Page - NXP Semiconductors PH3830L Datasheet HTML 6Page - NXP Semiconductors PH3830L Datasheet HTML 7Page - NXP Semiconductors PH3830L Datasheet HTML 8Page - NXP Semiconductors PH3830L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PH3830L
N-channel TrenchMOS logic level FET
Rev. 04 — 17 November 2009
Product data sheet
1.
Product profile
1.1 General description
Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology. This product is designed and qualified for use in
computing, communications, consumer and industrial applications only.
1.2 Features and benefits
Higher operating power due to low
thermal resistance
Low conduction losses due to low
on-state resistance
Suitable for logic level gate drive
sources
1.3 Applications
DC-to-DC convertors
Notebook computers
Portable equipment
Switched-mode power supplies
1.4 Quick reference data
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
-
-
30
V
ID
drain current
Tmb =25°C; VGS =10V;
see Figure 1 and 3
--98
A
Ptot
total power
dissipation
Tmb = 25 °C; see Figure 2
-
-
62.5
W
Dynamic characteristics
QGD
gate-drain charge
VGS =5V; ID =20 A;
VDS =10V; Tj =25°C;
see Figure 12
-11
-
nC
Static characteristics
RDSon
drain-source
on-state resistance
VGS =10V; ID =25 A;
Tj = 25 °C; see Figure 9 and 10
-3.2
3.8
m


Similar Part No. - PH3830L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH3830L PHILIPS-PH3830L Datasheet
92Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 03-2 March 2004
More results

Similar Description - PH3830L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com