Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-06-0080 Datasheet(PDF) 3 Page - MolexKits

Part # 15-06-0080
Description  Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

15-06-0080 Datasheet(HTML) 3 Page - MolexKits

  15-06-0080 Datasheet HTML 1Page - MolexKits 15-06-0080 Datasheet HTML 2Page - MolexKits 15-06-0080 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0158
15-24-6060
2
15-24-6100
2
15-24-6140
2
15-24-6180
2
15-24-6046
2
15-24-6066
2
15-24-6106
2
15-24-6146
2
15-24-6186
2
15-24-7040^
1
15-24-7060^
1
15-24-7100^
1
15-24-7140^
1
15-24-7180^
1
Molex Part No.
63819-0900 *
11-03-0044 *
57031-6000 *
Mexico
Mexico
Mexico
Mexico
Mexico
*Tool(s) not included in kit. Tool(s) ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0158*
Country
of Origin
Description
Sweden Hand Crimp Tool
USA
Extraction Tool
Mexico
Mexico
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Header,
Vertical, 18 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Right Angle, 6
Circuits Tin Plating
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Right Angle,
10 Circuits Tin Plating
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Right Angle,
14 Circuits Tin Plating
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Right Angle,
18 Circuits Tin Plating
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Vertical, 4
Circuits Tin Plating
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Header,
Vertical, 14 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Vertical, 6
Circuits Tin Plating
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Vertical, 10
Circuits Tin Plating
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Vertical, 14
Circuits Tin Plating
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Vertical, 18
Circuits Tin Plating
Mexico
Mexico
Mexico
Mexico
^ Note: 42385 (series) Receptacle Headers do not mate with Mini-Fit Jr.™ products, and are not inherently blindmating. Guidance to align the connectors
during mating and float to provide stress-free positioning after mating must be provided
Japan - Hand Extraction Tool
USA
Mexico
Mexico
Mexico
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Header,
Vertical, 4 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Header,
Vertical, 6 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Header,
Vertical, 10 Circuits
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 3 of 3


Similar Part No. - 15-06-0080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-06-0080 MOLEX1-15-06-0080 Datasheet
354Kb / 4P
   4.20mm (.165") Pitch Mini-Fit BMI??Receptacle Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 8 Circuits
15-06-0080 MOLEX11-15-06-0080 Datasheet
70Kb / 2P
   Mini-Fit BMI Receptacle Housing, 4.20mm Pitch, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 8 Circuits
More results

Similar Description - 15-06-0080

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0114 MOLEXKITS-76650-0114 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0015 MOLEXKITS-76650-0015 Datasheet
39Kb / 2P
   Vertical Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com