Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH1825AL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PH1825AL
Description  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PH1825AL Datasheet(HTML) 1 Page - NXP Semiconductors

  PH1825AL Datasheet HTML 1Page - NXP Semiconductors PH1825AL Datasheet HTML 2Page - NXP Semiconductors PH1825AL Datasheet HTML 3Page - NXP Semiconductors PH1825AL Datasheet HTML 4Page - NXP Semiconductors PH1825AL Datasheet HTML 5Page - NXP Semiconductors PH1825AL Datasheet HTML 6Page - NXP Semiconductors PH1825AL Datasheet HTML 7Page - NXP Semiconductors PH1825AL Datasheet HTML 8Page - NXP Semiconductors PH1825AL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PH1825AL
N-channel TrenchMOS logic level FET
Rev. 01 — 22 April 2009
Product data sheet
1.
Product profile
1.1 General description
Logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology. This product is designed and qualified for use in
computing, communications, consumer and industrial applications only.
1.2 Features and benefits
100% gate resistance tested
100% Ruggedness tested
Lead-free package
Logic level compatible
Optimimzed for use in DC-to-DC
converters
Very low switching and conduction
losses
1.3 Applications
DC-to-DC converters
Notebook computers
Switched-mode power supplies
Voltage regulators
1.4 Quick reference data
[1]
Continuous current is limited by package.
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
-
-
25
V
ID
drain current
Tmb =25°C; VGS =10V;
see Figure 1; see Figure 3
[1]
-
-
100
A
Dynamic characteristics
QGD
gate-drain charge
VGS = 4.5 V; ID =25A;
VDS = 12 V; see Figure 12;
see Figure 13
-8
-nC
Static characteristics
RDSon
drain-source
on-state resistance
VGS =10V; ID =25 A;
Tj = 25 °C; see Figure 10;
see Figure 11
-1.4
1.8
m


Similar Part No. - PH1825AL

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PH18-10F PANDUIT-PH18-10F Datasheet
95Kb / 1P
   HEAT SHRINK INSULATED FORK TERMINALS
PH18-6F PANDUIT-PH18-6F Datasheet
95Kb / 1P
   HEAT SHRINK INSULATED FORK TERMINALS
PH18-8F PANDUIT-PH18-8F Datasheet
95Kb / 1P
   HEAT SHRINK INSULATED FORK TERMINALS
logo
Tyco Electronics
PH1819-10 MACOM-PH1819-10 Datasheet
203Kb / 3P
   Wireless Bipolar Power Transistor, 1 OW 1.78 - 1.90 GHz
logo
M/A-COM Technology Solu...
PH1819-10 MA-COM-PH1819-10 Datasheet
202Kb / 3P
   Wireless Bipolar Power Transistor 10W, 1.78-1.90 GHz
More results

Similar Description - PH1825AL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com