Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

57105-6000 Datasheet(PDF) 1 Page - MolexKits

Part # 57105-6000
Description  Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

57105-6000 Datasheet(HTML) 1 Page - MolexKits

  57105-6000 Datasheet HTML 1Page - MolexKits 57105-6000 Datasheet HTML 2Page - MolexKits 57105-6000 Datasheet HTML 3Page - MolexKits 57105-6000 Datasheet HTML 4Page - MolexKits 57105-6000 Datasheet HTML 5Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0150
Title:
Micro Miniature Application Kit
Product Highlights
Country of Origin:
Certificates:
Includes CLIK-Mate, PanelMate, Sherlock, Pico-Spox and MicroClasp Prodcut
Families. Pitches range: 1.25mm (.049") - 2.00mm (.079"). Positive and Friction
Lock.
CLIK-Mate™, PanelMate™, Sherlock™, Pico-Spox™, and MicroClasp™
General Information
Molex / Waldom
Wire-to-Board and Wire-to-Wire
1.25mm (.049"), 1.50mm (.059"), and 2.00mm (.079")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
76650-0150
Manufacturer:
Molex's PanelMate™ series is an ultra low-profile connector system designed for
tight packaging applications. - Molex's new CLIK-Mate™ connectors provide dual
positive locks and a superior audible "click" to help ensure connectors are fully
mated. - The Sherlock™ system utilizes Molex's proven 50212 terminal, along with a
positive lock housing. - Molex's new MicroClasp™ system provides space savings
and easy mating/unmating, plus, includes a unique inner positive lock that provides
latch protection, secure retention and an audible mating "click". - Pico-Spox™
provides Anti-fishhooking box design protects contact area
(Molex Parts within this kit) - EU RoHS Compliant
(32-30), (30-28), (30-24), & (26-22) AWG
Current Rating:
Pitch:
Mounting
Orientation:
2, 3, 4, 6, 8, 9, 12 and 14
Wire size:
30, 50, 125, 250 Volts
Connector Type:
Receptacles, Plugs and Headers
Vertical and Right Angle
Specifications
Circuit Sizes:
1 Amp, 2 Amps, and 3 Amps
Voltage:
Design
Configuration:
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 5


Similar Part No. - 57105-6000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
57105-6000 MOLEX-57105-6000 Datasheet
285Kb / 2P
   2.00mm (.079") Pitch Sherlock?
logo
MolexKits
57105-6000 MOLEXKITS-57105-6000 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
57105-6000 MOLEXKITS-57105-6000 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
57105-6000 MOLEXKITS-57105-6000 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
57105-6000 MOLEXKITS-57105-6000 Datasheet
43Kb / 2P
   Friction Lock Vertical Header and Receptacle
More results

Similar Description - 57105-6000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2157102125 MOLEX-2157102125 Datasheet
40Kb / 1P
   Pre-Crimped Lead Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 450.00mm Clik-Mate Male-to-Clik-Mate Male, Tin (Sn) Plating, 450.00mm
0151350205 MOLEX1-0151350205 Datasheet
49Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151350301 MOLEX1-0151350301 Datasheet
51Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
87421-0000 MOLEX-87421-0000 Datasheet
284Kb / 2P
   1.50mm (.059") Pitch Pico-SPOX?
0797580016 MOLEX1-0797580016_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
0797581007 MOLEX1-0797581007 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 300mm, 24 AWG
0151350603 MOLEX1-0151350603_18 Datasheet
53Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm
0151350300 MOLEX-0151350300 Datasheet
50Kb / 1P
   CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm
0797580008 MOLEX1-0797580008_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-SPOX Female-to-Pico-SPOX Female, 150mm, 24 AWG
0797581015 MOLEX1-0797581015 Datasheet
41Kb / 1P
   Pre-Crimped Lead CLIK-Mate 2.00mm Female-to-CLIK-Mate 2.00mm Female, 300mm,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com