Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD24VS4UD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD24VS4UD
Description  Quadruple ESD protection diode arrays in a SOT457 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD24VS4UD Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD24VS4UD Datasheet HTML 1Page - NXP Semiconductors PESD24VS4UD Datasheet HTML 2Page - NXP Semiconductors PESD24VS4UD Datasheet HTML 3Page - NXP Semiconductors PESD24VS4UD Datasheet HTML 4Page - NXP Semiconductors PESD24VS4UD Datasheet HTML 5Page - NXP Semiconductors PESD24VS4UD Datasheet HTML 6Page - NXP Semiconductors PESD24VS4UD Datasheet HTML 7Page - NXP Semiconductors PESD24VS4UD Datasheet HTML 8Page - NXP Semiconductors PESD24VS4UD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PESDXS4UD_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 August 2009
4 of 12
NXP Semiconductors
PESDxS4UD series
Quadruple ESD protection diode arrays in a SOT457 package
6.
Characteristics
Fig 1.
8/20
µs pulse waveform according to
IEC 61000-4-5
Fig 2.
ESD pulse waveform according to
IEC 61000-4-2
t (
µs)
040
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e−t
100 % IPP; 8 µs
50 % IPP; 20 µs
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
PESD3V3S4UD
-
-
3.3
V
PESD5V0S4UD
-
-
5
V
PESD12VS4UD
-
-
12
V
PESD15VS4UD
-
-
15
V
PESD24VS4UD
-
-
24
V
IRM
reverse leakage current
PESD3V3S4UD
VRWM = 3.3 V
-
300
800
nA
PESD5V0S4UD
VRWM = 5 V
-
80
200
nA
PESD12VS4UD
VRWM = 12 V
-
0.05
15
nA
PESD15VS4UD
VRWM = 15 V
-
0.05
15
nA
PESD24VS4UD
VRWM = 24 V
-
0.05
15
nA
VBR
breakdown voltage
IR =1mA
PESD3V3S4UD
5.3
5.6
5.9
V
PESD5V0S4UD
6.4
6.8
7.2
V
PESD12VS4UD
12.5
14.5
16
V
PESD15VS4UD
15.5
18
20.5
V
PESD24VS4UD
25.5
27
29
V


Similar Part No. - PESD24VS4UD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD24VS4UD NEXPERIA-PESD24VS4UD Datasheet
239Kb / 12P
   Quadruple ESD protection diode array
13 April 2023
PESD24VS4UD-Q NEXPERIA-PESD24VS4UD-Q Datasheet
239Kb / 12P
   Quadruple ESD protection diode array
10 May 2022
More results

Similar Description - PESD24VS4UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS4UD PHILIPS-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESD3V3V4UW PHILIPS-PESD3V3V4UW Datasheet
73Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT665 package
Rev. 01-22 April 2005
PESDXV4UG PHILIPS-PESDXV4UG Datasheet
75Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT353 package
Rev. 02-7 April 2005
PESD3V3S4UF PHILIPS-PESD3V3S4UF Datasheet
91Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
PESD3V3S4UF NXP-PESD3V3S4UF Datasheet
83Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Nexperia B.V. All right...
PESD3V3S4UF NEXPERIA-PESD3V3S4UF Datasheet
608Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01 - 17 January 2008
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com