Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD12VS4UD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD12VS4UD
Description  Quadruple ESD protection diode arrays in a SOT457 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD12VS4UD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD12VS4UD Datasheet HTML 2Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 3Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 4Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 5Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 6Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 7Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 8Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 9Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PESDXS4UD_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 August 2009
6 of 12
NXP Semiconductors
PESDxS4UD series
Quadruple ESD protection diode arrays in a SOT457 package
f = 1 MHz; Tamb =25 °C
(1) PESD3V3S4UD
(2) PESD5V0S4UD
f = 1 MHz; Tamb =25 °C
(1) PESD12VS4UD
(2) PESD15VS4UD
(3) PESD24VS4UD
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Diode capacitance as a function of reverse
voltage; typical values
PESD3V3S4UD
PESD5V0S4UD
IR is less than 5 nA at 150 °C
PESD12VS4UD
PESD15VS4UD
PESD24VS4UD
Fig 7.
Relative variation of reverse leakage current
as a function of junction temperature; typical
values
Fig 8.
V-I characteristics for a unidirectional ESD
protection diode
VR (V)
05
4
23
1
006aaa700
140
100
180
220
Cd
(pF)
60
(1)
(2)
VR (V)
025
20
10
15
5
006aaa701
40
20
60
80
Cd
(pF)
0
(1)
(2)
(3)
006aaa699
1
10
10−1
Tj (°C)
−100
150
100
050
−50
IRM
IRM(25°C)
006aaa407
−VCL −VBR −VRWM
−IRM
−IR
−IPP
V
I
P-N
+


Similar Part No. - PESD12VS4UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VS1UA NXP-PESD12VS1UA Datasheet
107Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01-9 February 2009
logo
Nexperia B.V. All right...
PESD12VS1UA NEXPERIA-PESD12VS1UA Datasheet
662Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 9 February 2009
logo
Guangdong Youtai Semico...
PESD12VS1UA UMW-PESD12VS1UA Datasheet
445Kb / 4P
   Transient Voltage Suppression (TVS)
logo
Nexperia B.V. All right...
PESD12VS1UA-Q NEXPERIA-PESD12VS1UA-Q Datasheet
242Kb / 12P
   Unidirectional ESD protection for transient voltage suppression
13 June 2022
logo
NXP Semiconductors
PESD12VS1UB PHILIPS-PESD12VS1UB Datasheet
111Kb / 15P
   ESD protection diodes in SOD 523 package
Rev. 01-14 June 2004
More results

Similar Description - PESD12VS4UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS4UD PHILIPS-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESD3V3V4UW PHILIPS-PESD3V3V4UW Datasheet
73Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT665 package
Rev. 01-22 April 2005
PESDXV4UG PHILIPS-PESDXV4UG Datasheet
75Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT353 package
Rev. 02-7 April 2005
PESD3V3S4UF PHILIPS-PESD3V3S4UF Datasheet
91Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
PESD3V3S4UF NXP-PESD3V3S4UF Datasheet
83Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Nexperia B.V. All right...
PESD3V3S4UF NEXPERIA-PESD3V3S4UF Datasheet
608Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01 - 17 January 2008
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com