Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD12VS4UD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD12VS4UD
Description  Quadruple ESD protection diode arrays in a SOT457 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD12VS4UD Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD12VS4UD Datasheet HTML 1Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 2Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 3Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 4Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 5Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 6Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 7Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 8Page - NXP Semiconductors PESD12VS4UD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PESDXS4UD_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 21 August 2009
5 of 12
NXP Semiconductors
PESDxS4UD series
Quadruple ESD protection diode arrays in a SOT457 package
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1, 3, 4 or 6 to 2 or 5
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD3V3S4UD
-
215
300
pF
PESD5V0S4UD
-
165
220
pF
PESD12VS4UD
-
73
100
pF
PESD15VS4UD
-
60
90
pF
PESD24VS4UD
-
45
70
pF
VCL
clamping voltage
[1][2]
PESD3V3S4UD
IPP = 1 A
--8
V
IPP = 20 A
--12
V
PESD5V0S4UD
IPP = 1 A
--8
V
IPP = 20 A
--13
V
PESD12VS4UD
IPP = 1 A
--17
V
IPP = 10 A
--24
V
PESD15VS4UD
IPP = 1 A
--22
V
IPP = 6 A
--33
V
PESD24VS4UD
IPP = 1 A
--33
V
IPP = 4 A
--52
V
rdif
differential resistance
IR = 5 mA
--25
Table 8.
Characteristics …continued
Tamb =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
Fig 3.
Peak pulse power as a function of exponential
pulse duration; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical
values
006aaa698
tp (µs)
1104
103
10
102
10
102
103
104
PPP
(W)
1
Tj (°C)
0
200
150
50
100
001aaa633
0.4
0.8
1.2
PPP
0
PPP(25°C)


Similar Part No. - PESD12VS4UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VS1UA NXP-PESD12VS1UA Datasheet
107Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01-9 February 2009
logo
Nexperia B.V. All right...
PESD12VS1UA NEXPERIA-PESD12VS1UA Datasheet
662Kb / 14P
   Unidirectional ESD protection for transient voltage suppression
Rev. 01 - 9 February 2009
logo
Guangdong Youtai Semico...
PESD12VS1UA UMW-PESD12VS1UA Datasheet
445Kb / 4P
   Transient Voltage Suppression (TVS)
logo
Nexperia B.V. All right...
PESD12VS1UA-Q NEXPERIA-PESD12VS1UA-Q Datasheet
242Kb / 12P
   Unidirectional ESD protection for transient voltage suppression
13 June 2022
logo
NXP Semiconductors
PESD12VS1UB PHILIPS-PESD12VS1UB Datasheet
111Kb / 15P
   ESD protection diodes in SOD 523 package
Rev. 01-14 June 2004
More results

Similar Description - PESD12VS4UD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS4UD PHILIPS-PESDXS4UD Datasheet
102Kb / 12P
   Quadruple ESD protection diode arrays in a SOT457 package
Rev. 02-21 August 2009
PESD3V3V4UW PHILIPS-PESD3V3V4UW Datasheet
73Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT665 package
Rev. 01-22 April 2005
PESDXV4UG PHILIPS-PESDXV4UG Datasheet
75Kb / 11P
   Very low capacitance quadruple ESD protection diode arrays in SOT353 package
Rev. 02-7 April 2005
PESD3V3S4UF PHILIPS-PESD3V3S4UF Datasheet
91Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
PESD3V3S4UF NXP-PESD3V3S4UF Datasheet
83Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Nexperia B.V. All right...
PESD3V3S4UF NEXPERIA-PESD3V3S4UF Datasheet
608Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01 - 17 January 2008
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com