Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V2S2UT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD5V2S2UT
Description  Double ESD protection diodes in SOT23 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V2S2UT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD5V2S2UT Datasheet HTML 2Page - NXP Semiconductors PESD5V2S2UT Datasheet HTML 3Page - NXP Semiconductors PESD5V2S2UT Datasheet HTML 4Page - NXP Semiconductors PESD5V2S2UT Datasheet HTML 5Page - NXP Semiconductors PESD5V2S2UT Datasheet HTML 6Page - NXP Semiconductors PESD5V2S2UT Datasheet HTML 7Page - NXP Semiconductors PESD5V2S2UT Datasheet HTML 8Page - NXP Semiconductors PESD5V2S2UT Datasheet HTML 9Page - NXP Semiconductors PESD5V2S2UT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2004 Apr 15
6
NXP Semiconductors
Product data sheet
Double ESD protection diodes in SOT23
package
PESDxS2UT series
Notes
1.
Non-repetitive current pulse 8/20
µs exponential decay waveform; see Fig.2.
2.
Measured either across pins 1 and 3 or pins 2 and 3.
Rdiff
differential resistance
PESD3V3S2UT
IR = 1 mA
400
PESD5V2S2UT
IR = 1 mA
80
PESD12VS2UT
IR = 1 mA
200
PESD15VS2UT
IR = 1 mA
225
PESD24VS2UT
IR = 0.5 mA
300
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
GRAPHICAL DATA
001aaa147
103
102
104
Ppp
(W)
10
tp (µs)
1104
103
10
102
(1)
(2)
Fig.4
Peak pulse power dissipation as a function
of pulse time; typical values.
Tamb = 25 °C.
tp = 8/20 µs exponential decay waveform; see Fig.2.
(1) PESD3V3S2UT and PESD5V2S2UT.
(2) PESD12VS2UT, PESD15VS2UT, PESD24VS2UT
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
PPP
0
PPP(25°C)
Fig.5
Relative variation of peak pulse power as a
function of junction temperature; typical
values.


Similar Part No. - PESD5V2S2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V2S2UT PHILIPS-PESD5V2S2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD5V2S2UT PHILIPS-PESD5V2S2UT Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PESD5V2S2UT PHILIPS-PESD5V2S2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Shanghai Leiditech Elec...
PESD5V2S2UT LEIDITECH-PESD5V2S2UT Datasheet
448Kb / 3P
   TVS Diode Array
Rev : 01.06.2014
logo
Nexperia B.V. All right...
PESD5V2S2UT NEXPERIA-PESD5V2S2UT Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
More results

Similar Description - PESD5V2S2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
NXP Semiconductors
PESDXS2UAT PHILIPS-PESDXS2UAT Datasheet
122Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Nexperia B.V. All right...
PESDXS2UAT_SER NEXPERIA-PESDXS2UAT_SER Datasheet
241Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
NXP Semiconductors
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESD3V3S2UT-215 PHILIPS-PESD3V3S2UT-215 Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
Nexperia B.V. All right...
PESD5V0S2UAT-Q NEXPERIA-PESD5V0S2UAT-Q Datasheet
208Kb / 11P
   Double ESD protection diode in SOT23 package
3 May 2022
PESD3V3S2UAT NEXPERIA-PESD3V3S2UAT Datasheet
243Kb / 12P
   Double ESD protection diode in SOT23 package
27 June 2023
PESD24VS2UAT NEXPERIA-PESD24VS2UAT Datasheet
241Kb / 11P
   Double ESD protection diode in SOT23 package
24 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com