Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0S1UL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PESD5V0S1UL
Description  ESD protection diodes in a SOD882 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S1UL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD5V0S1UL Datasheet HTML 4Page - NXP Semiconductors PESD5V0S1UL Datasheet HTML 5Page - NXP Semiconductors PESD5V0S1UL Datasheet HTML 6Page - NXP Semiconductors PESD5V0S1UL Datasheet HTML 7Page - NXP Semiconductors PESD5V0S1UL Datasheet HTML 8Page - NXP Semiconductors PESD5V0S1UL Datasheet HTML 9Page - NXP Semiconductors PESD5V0S1UL Datasheet HTML 10Page - NXP Semiconductors PESD5V0S1UL Datasheet HTML 11Page - NXP Semiconductors PESD5V0S1UL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PESDXS1UL_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2009
8 of 13
NXP Semiconductors
PESDxS1UL series
ESD protection diodes in a SOD882 package
Fig 9.
ESD clamping test setup and waveforms
006aaa682
450
50
Note 1: IEC 61000-4-2 network
Cs = 150 pF; Rd = 330 Ω
RG 223/U
50
Ω coax
Rd
Cs
ESD TESTER
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 20 V/div
horizontal scale = 50 ns/div
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 10 V/div
horizontal scale = 50 ns/div
GND
GND
GND
GND
GND
GND
GND
unclamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
GND
unclamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
note 1
PESD24VS1UL
PESD15VS1UL
PESD12VS1UL
PESD5V0S1UL
PESD3V3S1UL
D.U.T.
(DEVICE
UNDER
TEST)


Similar Part No. - PESD5V0S1UL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S1UL NXP-PESD5V0S1UL Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
logo
Nexperia B.V. All right...
PESD5V0S1UL NEXPERIA-PESD5V0S1UL Datasheet
438Kb / 16P
   Unidirectional ESD protection diodes
Rev. 3 - 25 October 2011
PESD5V0S1UL-Q NEXPERIA-PESD5V0S1UL-Q Datasheet
251Kb / 12P
   Unidirectional ESD protection diode
24 April 2023
logo
NXP Semiconductors
PESD5V0S1ULD PHILIPS-PESD5V0S1ULD Datasheet
296Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-19 October 2010
logo
Nexperia B.V. All right...
PESD5V0S1ULD NEXPERIA-PESD5V0S1ULD Datasheet
262Kb / 12P
   Unidirectional ESD protection diode
19 July 2019
More results

Similar Description - PESD5V0S1UL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
logo
NXP Semiconductors
PESDXS1UB PHILIPS-PESDXS1UB Datasheet
123Kb / 15P
   ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
PESDXS1UB NXP-PESDXS1UB Datasheet
123Kb / 15P
   ESD protection diodes in SOD523 package
Rev. 02-24 August 2009
PESDXS2UQ NXP-PESDXS2UQ_10 Datasheet
171Kb / 13P
   Double ESD protection diodes in SOT663 package
Rev. 04-26 January 2010
PESDXS2UAT NXP-PESDXS2UAT Datasheet
237Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Feb 18
logo
Sirectifier Global Corp...
N03AD92 SIRECT-N03AD92 Datasheet
180Kb / 2P
   ESD Protection Diodes in SOD-923 Package
logo
NXP Semiconductors
PESD12VS2UT PHILIPS-PESD12VS2UT Datasheet
123Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
PESDXS2UQ PHILIPS-PESDXS2UQ Datasheet
121Kb / 13P
   Double ESD protection diodes in SOT663 package
2004 Apr 27
logo
Nexperia B.V. All right...
PESDXS2UT_SER NEXPERIA-PESDXS2UT_SER Datasheet
250Kb / 14P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
logo
NXP Semiconductors
PESDXS2UT PHILIPS-PESDXS2UT Datasheet
235Kb / 13P
   Double ESD protection diodes in SOT23 package
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com