Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11-26-0167 Datasheet(PDF) 1 Page - MolexKits

Part # 11-26-0167
Description  Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

11-26-0167 Datasheet(HTML) 1 Page - MolexKits

  11-26-0167 Datasheet HTML 1Page - MolexKits 11-26-0167 Datasheet HTML 2Page - MolexKits 11-26-0167 Datasheet HTML 3Page - MolexKits 11-26-0167 Datasheet HTML 4Page - MolexKits 11-26-0167 Datasheet HTML 5Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0146
Connector Type:
Plugs, Receptacle Headers, Receptacles and Headers
[1.27mm (.050"), 2.50mm (.098"), 3.00mm (.118"), and 4.20mm (.165")]
Current Rating:
Right Angle and Vertical
Wire size:
Mounting
Oreintation:
Voltage Rating:
[30, 250, 600] Volts
[ 1, (1.5 - 3) dep. on AWG, 3, 5, (3 - 9) dep. on AWG, (8 - 12) ]Amp
Design
Configuration:
Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.
Pitches range: 1.27mm (.050)" - 4.2mm (.165)"
[(28-22), (24-22), (24-20), (24-18)] AWG
Pitch:
BMI - EBBI 50D, SPOX BMI, Micro-Fit BMI, & Mini-Fit BMI
General Information
(Wire-to-Wire), (Wire-to-Board) and (Board-to-Board)
Part Number:
76650-0146
Description:
Product Family:
Specifications
Molex / Waldom
Manufacturer:
Country of Origin:
Certificates:
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Kit assembled in U.S.A.
Title:
Deluxe Blind Mate Application Kit
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 5


Similar Part No. - 11-26-0167

ManufacturerPart #DatasheetDescription
logo
MolexKits
11-26-0167 MOLEXKITS-11-26-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com