Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63811-6000 Datasheet(PDF) 1 Page - MolexKits

Part # 63811-6000
Description  Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

63811-6000 Datasheet(HTML) 1 Page - MolexKits

  63811-6000 Datasheet HTML 1Page - MolexKits 63811-6000 Datasheet HTML 2Page - MolexKits 63811-6000 Datasheet HTML 3Page - MolexKits 63811-6000 Datasheet HTML 4Page - MolexKits 63811-6000 Datasheet HTML 5Page - MolexKits 63811-6000 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0151
Pitch:
Circuit Sizes:
Connector Type:
Plugs and Receptacles, and Cables
Vertical (Receptacles)
Wire:
(Molex Parts within this kit) - EU RoHS Compliant
Mounting
Orientation:
25 Volts / 30 VoltsAC (RMS) and 150 Volts / 250 Volts / 600 Volts
1 Amp and 1.5 Amps, (3-4) Amps, 18 Amps and 22 Amps
(22-20), (22-18) and (20-18) AWG
Manufacturer:
Country of Origin:
Certificates:
Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
Families. Pitches range: 2.5mm (.098)" - 5.84mm (.230)"
Mini-Splash Proof, MX150™, MX150L™, and Industrial (USB, & RJ-45 Ethernet)
2.50mm (.098"), 3.5mm (.138"), and 5.84mm (.230")
2, 3, 4 and 6
Voltage:
Current Rating:
General Information
Molex / Waldom
(Wire-to-Board) and (Wire-to-Wire)
Kit assembled in U.S.A.
Description:
Product Family:
Specifications
Design
Configuration:
Part Number:
76650-0151
Title:
Deluxe Splashproof Application Kit
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 6


Similar Part No. - 63811-6000

ManufacturerPart #DatasheetDescription
logo
MolexKits
63811-6000 MOLEXKITS-63811-6000 Datasheet
38Kb / 2P
   Single Row Matte Sealed Plug and Receptacle
logo
Molex Electronics Ltd.
63811-6000 MOLEX8-63811-6000 Datasheet
176Kb / 5P
   Hand Crimp Tool Specification Sheet
63811-6000 MOLEX11-63811-6000 Datasheet
37Kb / 1P
   Hand Crimp Tool, 18-22AWG
More results

Similar Description - 63811-6000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
719515999010808 AVX-719515999010808 Datasheet
60Kb / 2P
   Automotive Splashproof Connectors
logo
Nihon Kaiheiki Industry...
SPLASHPROOF NKK-SPLASHPROOF Datasheet
2Mb / 4P
   Splashproof/Sealed SmartSwitches
logo
Littelfuse
01520004Z LITTELFUSE-01520004Z Datasheet
89Kb / 1P
   MAXI??Fuse Splashproof Fuseholder
0FHM000XLXN LITTELFUSE-0FHM000XLXN Datasheet
562Kb / 1P
   INLINE SPLASHPROOF FUSE HOLDER
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
   Pushbutton Switches, Splashproof Boot Seals
logo
Littelfuse
298907-030 LITTELFUSE-298907-030 Datasheet
140Kb / 1P
   MEGA짰 298 SPLASHPROOF SERIES FUSE HOLDER
2021
logo
MolexKits
76650-0143 MOLEXKITS-76650-0143 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Tyco Electronics
1-1734035-2 MACOM-1-1734035-2 Datasheet
386Kb / 4P
   MINI USB, SMT, B TYPE
logo
Kycon, Inc.
KMBX KYCON-KMBX Datasheet
434Kb / 1P
   Mini USB B Type Socket
logo
MolexKits
76650-0143 MOLEXKITS-76650-0143 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com