Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19160-0043 Datasheet(PDF) 2 Page - MolexKits

Part # 19160-0043
Description  Assorted Wire Nuts, 22-14 AWG, 22-10 AWG and 22-8 AWG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

19160-0043 Datasheet(HTML) 2 Page - MolexKits

  19160-0043 Datasheet HTML 1Page - MolexKits 19160-0043 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0048
Molex Part No.
Quantity in
Kit
19160-0039
40
19160-0040
20
19160-0041
15
19160-0042
10
19160-0043
10
Taiwan
Orange Wire Nuts, 22-14 AWG
Taiwan
Blue Wire Nuts, 22-14 AWG
Country
of Origin
Description
Bill of Materials for Part No. 76650-0048
Gray Wire Nuts, 22-14 AWG
No Recommended Molex Tool for Part No. 76650-0048
Yellow Wire Nuts, 22-10 AWG
Red Wire Nuts, 22-8 AWG
Taiwan
Taiwan
Taiwan
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 19160-0043

ManufacturerPart #DatasheetDescription
logo
MolexKits
19160-0002 MOLEXKITS-19160-0002 Datasheet
39Kb / 3P
   Assorted Non-Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals
19160-0002 MOLEXKITS-19160-0002 Datasheet
40Kb / 4P
   Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt
19160-0002 MOLEXKITS-19160-0002 Datasheet
38Kb / 2P
   Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals
19160-0002 MOLEXKITS-19160-0002 Datasheet
40Kb / 4P
   Assorted PVC Insulated Quick Disconnect, Ring, Spade, Butt Splice and Multi-Lock Terminals.
19160-0009 MOLEXKITS-19160-0009 Datasheet
46Kb / 3P
   Assorted PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals.
More results

Similar Description - 19160-0043

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
34308 TEC-34308 Datasheet
71Kb / 1P
   SPLICE, WIRE, CLOSED END 22-10 AWG
logo
Molex Electronics Ltd.
63900-1000 MOLEX11-63900-1000 Datasheet
49Kb / 1P
   FineAdjust Applicator, 22 AWG Wire
63900-1200 MOLEX11-63900-1200 Datasheet
50Kb / 1P
   FineAdjust Applicator, 22 AWG Wire
63900-0600 MOLEX11-63900-0600 Datasheet
49Kb / 1P
   FineAdjust Applicator, 22 AWG Wire
0639001200 MOLEX-0639001200 Datasheet
38Kb / 1P
   FineAdjust Applicator, 22 AWG Wire
08/26/2022
0191600041 MOLEX4-0191600041 Datasheet
96Kb / 2P
   Twist Lock Splice for 14-22 AWG Wire
0191600040 MOLEX4-0191600040 Datasheet
96Kb / 2P
   Twist Lock Splice for 14-22 AWG Wire
0191600039 MOLEX4-0191600039 Datasheet
96Kb / 2P
   Twist Lock Splice for 14-22 AWG Wire
0191600194 MOLEX4-0191600194 Datasheet
90Kb / 2P
   Wing Lock Splice for 8-22 AWG Wire
logo
SparkFun Electronics
PRT-08024 SPARKFUN-PRT-08024 Datasheet
96Kb / 1P
   Hook-up Wire - Yellow (22 AWG)
3/28/2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com