Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD15VL1BA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESD15VL1BA
Description  Low capacitance bidirectional ESD protection diodes in SOD323
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD15VL1BA Datasheet(HTML) 3 Page - NXP Semiconductors

  PESD15VL1BA Datasheet HTML 1Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 2Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 3Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 4Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 5Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 6Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 7Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 8Page - NXP Semiconductors PESD15VL1BA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PESDXL1BA_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2009
3 of 15
NXP Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform; see Figure 1.
[1]
Device stressed with ten non-repetitive ESD pulses; see Figure 2.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Ppp
peak pulse power
8/20
µs
[1]
PESD3V3L1BA
-
500
W
PESD5V0L1BA
-
500
W
PESD12VL1BA
-
200
W
PESD15VL1BA
-
200
W
PESD24VL1BA
-
200
W
Ipp
peak pulse current
8/20
µs
[1]
PESD3V3L1BA
-
18
A
PESD5V0L1BA
-
15
A
PESD12VL1BA
-
5
A
PESD15VL1BA
-
5
A
PESD24VL1BA
-
3
A
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
ESD maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
ESD
electrostatic discharge capability
IEC 61000-4-2
(contact discharge)
[1]
PESD3V3L1BA
-
30
kV
PESD5V0L1BA
-
30
kV
PESD12VL1BA
-
30
kV
PESD15VL1BA
-
30
kV
PESD24VL1BA
-
23
kV
PESDxL1BA series
HBM MIL-Std 883
-
10
kV
Table 7.
ESD standards compliance
Standard
Conditions
IEC 61000-4-2; level 4 (ESD); Figure 2
> 15 kV (air); > 8 kV (contact)
HBM MIL-Std 883; class 3
> 4 kV


Similar Part No. - PESD15VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VL1BA PHILIPS-PESD15VL1BA Datasheet
179Kb / 15P
   Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESD15VL1BA NXP-PESD15VL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
13 April 2023
logo
Guangdong Youtai Semico...
PESD15VL1BA UMW-PESD15VL1BA Datasheet
286Kb / 4P
   Solid-state silicon-avalanche technology
logo
Nexperia B.V. All right...
PESD15VL1BA-Q NEXPERIA-PESD15VL1BA-Q Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
19 May 2022
More results

Similar Description - PESD15VL1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD24VL1BA NEXPERIA-PESD24VL1BA Datasheet
225Kb / 11P
   Low capacitance bidirectional ESD protection diode in SOD323
11 April 2023
PESD24VL1BA-Q NEXPERIA-PESD24VL1BA-Q Datasheet
225Kb / 11P
   Low capacitance bidirectional ESD protection diode in SOD323
5 May 2022
logo
NXP Semiconductors
PESDXL1BA PHILIPS-PESDXL1BA Datasheet
179Kb / 15P
   Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
logo
Nexperia B.V. All right...
PESD5V0S1BA-V01 NEXPERIA-PESD5V0S1BA-V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com