Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19073-0170 Datasheet(PDF) 2 Page - MolexKits

Part # 19073-0170
Description  Nylon Insulated Ring 3 and 4 Way Ring Splice and # 5-6, # 8, # 10, 1/4 Stud Size Ring Terminal with Universal Crimp Tool
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

19073-0170 Datasheet(HTML) 2 Page - MolexKits

  19073-0170 Datasheet HTML 1Page - MolexKits 19073-0170 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0154
Molex Part No.
Quantity in Kit
19204-0009
10
19204-0018
10
19204-0030
5
19204-0008
10
19204-0017
10
19204-0029
5
19073-0038
50
19073-0013
50
19073-0085
50
19073-0087
50
19073-0170
25
19073-0188
25
CT-4071-1R^
1
Molex Part No.
64001-0100 *
64001-1200 *
64001-1400 *
64001-1500 *
*Tool(s) not included in kit. Tool(s) ordered separately.
^ =Tool Provided by Waldom
Recommended Molex Tool(s) for Part No. 76650-0154*
Description
USA
Hand Crimp Tool (RHT-1990)
USA
USA
Country
of Origin
Country
of Origin
Description
USA
USA
Taiwan
Universal Crimping Tool-Bolt Cutter/Wire Stripper/Wire Cutter
USA
Bill of Materials for Part No. 76650-0154
Hand Crimp Tool (RHT-2200)
3- Way Splice 12-10 AWG
4- Way Splice 22-18 AWG
4- Way Splice 16-14 AWG
Hand Crimp Tool (RHT-2100)
USA
Hand Crimp Tool (RHT-2050)
4- Way Splice 12-10 AWG
Ring Term. 22-18 AWG, Stud # 5-6 (M3-3.5)
Ring Term. 22-18 AWG, Stud # 8 (M4)
Ring Term. 16-14 AWG, Stud # 8 (M4)
Ring Term. 16-14 AWG, Stud # 10 (M5)
Ring Term. 12-10 AWG, Stud # 10 (M5)
Ring Term.12-10 AWG, Stud 1/4"
USA
USA
USA
USA
3- Way Splice 22-18 AWG
3- Way Splice 16-14 AWG
USA
USA
USA
USA
USA
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 19073-0170

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19073-0010 MOLEX4-19073-0010 Datasheet
109Kb / 2P
   Avikrimp??Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 2, Length18.00mm (.708")
19073-0085 MOLEX4-19073-0085 Datasheet
100Kb / 2P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 8, Length 22.48m(.885")
logo
MolexKits
19073-0216 MOLEXKITS-19073-0216 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
More results

Similar Description - 19073-0170

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
YAE22G13BOX HUBBELL-YAE22G13BOX Datasheet
263Kb / 2P
   Nylon insulated multi finger ring terminal 26-20 AWG wire size, #4-#6 stud size
YAE18G43BOX HUBBELL-YAE18G43BOX Datasheet
262Kb / 2P
   Nylon insulated multi finger ring terminal 22-16 AWG wire size, #4-#6 stud size
YAE22G16BOX HUBBELL-YAE22G16BOX Datasheet
263Kb / 2P
   Nylon Insulated Terminal, Ring Tongue, #26 - #20 AN, #4 stud
YAE22G14BOX HUBBELL-YAE22G14BOX Datasheet
263Kb / 2P
   Nylon Insulated Terminal, Ring Tongue, #26 - #20 AN, #6- #8 stud
logo
PANDUIT CORP.
PN18-10R-C PANDUIT-PN18-10R-C Datasheet
75Kb / 1P
   Ring Terminal, Nylon Insulated
logo
List of Unclassifed Man...
RA18-4 ETC2-RA18-4 Datasheet
51Kb / 2P
   Insulated Nylon Ring Terminal For Wire Range 22-16 Stud Size #4, Red
logo
Hubbell Incorporated.
YAE18N1BOX HUBBELL-YAE18N1BOX Datasheet
262Kb / 2P
   Nylon insulated multi finger ring terminal 22-16 AWG wire size, #6-#8 stud size
YAE22G15BOX HUBBELL-YAE22G15BOX Datasheet
262Kb / 2P
   Nylon Insulated Terminal, Ring Tongue, #26 - #20 AN, #8- #10 stud, Amber
YAE14N1BOX90 HUBBELL-YAE14N1BOX90 Datasheet
264Kb / 2P
   Nylon insulated multi finger right angled ring terminal 14 AWG wire size, #6-#8 stud size
logo
Molex Electronics Ltd.
0640017870 MOLEX11-0640017870 Datasheet
29Kb / 1P
   Hand Crimp Tool for 4 AWG Insulated Ring Terminals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com