Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210H124K6GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210H124K6GACTU
Description  Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210H124K6GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1210H124K6GACTU Datasheet HTML 1Page - Kemet Corporation C1210H124K6GACTU Datasheet HTML 2Page - Kemet Corporation C1210H124K6GACTU Datasheet HTML 3Page - Kemet Corporation C1210H124K6GACTU Datasheet HTML 4Page - Kemet Corporation C1210H124K6GACTU Datasheet HTML 5Page - Kemet Corporation C1210H124K6GACTU Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Bulletin
KEMET’s New High Temperature Surface Mount C0G MLCCs feature a robust and proprietary base metal
dielectric system that offers industry-leading performance relative to capacitance and case size combined with
capacitance stability at extreme temperatures up to +200ºC. This new platform promotes downsizing opportu-
nities of existing High Temperature C0G technology, and offers replacement opportunities of existing X7R/BX/
BR technologies.
Standard capacitance ratings for these devices range from 0.5 pF up to 0.22 μF in capacitance tolerance offer-
ings of ±0.25pF, ±0.5pF, ±1%, ±2%, ±5%, ±10%, or ±20%. The Temperature Coefficient of Capacitance (TCC)
is ±30ppm/°C from -55°C to +200°. Devices are available in DC voltage ratings of 10V, 16V, 25V, 50V and
100V, with a maximum dissipation factor of 0.10%. Seven standard EIA case size options are available which
include –0603, 0805, 1206, 1210, and 1812- with either nickel barrier/tin or Sn/Pb terminations.
EIA SIZE
CODE
METRIC
SIZE CODE
L
LENGTH
W
WIDTH
B
BANDWIDTH
S
SEPARATION
minimum
0603
1608
1.6 (.063) ± .15 (.006)
0.8 (.032) ± .15 (.006)
0.35 (.014) ± .15 (.006)
0.7 (.028)
0805
2012
2.0 (.079) ± .20 (.008)
1.25 (.049) ± .20 (.008)
0.50 (.020) ± .25 (.010)
0.75 (.030)
1206
3216
3.2 (.126) ± .20 (.008)
1.6 (.063) ± .20 (.008)
0.50 (.020) ± .25 (.010)
N/A
1210
3225
3.2 (.126) ± .20 (.008)
2.5 (.098) ± .20 (.008)
0.50 (.020) ± .25 (.010)
N/A
1812
4532
4.5 (.177) ± .30 (.012)
3.2 (.126) ± .30 (.012)
0.60 (.024) ± .35 (.014)
N/A
Dimensions - Millimeters (Inches)
Outline Drawing
Surface Mount Ceramic Chip Capacitors
High Temperature 200ºC C0G MLCC
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F4002 01/10
Benefits and Features:
No Piezoelectric Noise.
Extremely low ESR and ESL.
High Thermal Stability.
High Ripple Current Capability.
Preferred capacitance solution at line frequencies and into the MHz range.
No capacitance change with respect to applied rated DC voltage.
Minimal capacitance change with respect to temperature from -55ºC to +200ºC.
No capacitance decay with time.
Non-polar device.
Applications:
Typical applications include critical timing, tuning, circuits requiring low loss,
circuits with pulse, high current, decoupling, by-pass, filtering, transient voltage
suppression, blocking and energy storage for use in extreme environments com-
monly present in applications such as down-hole exploration, aerospace engine
compartments and geophysical probes.
.


Similar Part No. - C1210H124K6GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210H124K1GACT050 KEMET-C1210H124K1GACT050 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210H124K1GACT100 KEMET-C1210H124K1GACT100 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210H124K1GACT250 KEMET-C1210H124K1GACT250 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210H124K1GACT500 KEMET-C1210H124K1GACT500 Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210H124K1GACTU KEMET-C1210H124K1GACTU Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C1210H124K6GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C471F3GAC KEMET-C0402C471F3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
C0402C152J5GACTU KEMET-C0402C152J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
C0805C153J5GACTU KEMET-C0805C153J5GACTU Datasheet
61Kb / 6P
   Surface Mount Ceramic Chip Capacitors ??Ultra-High Capacitance, C0G Dielectric
F9078 KEMET-F9078 Datasheet
102Kb / 2P
   Surface Mount Ceramic Chip Capacitors ??Low Profile MLCC
C0201C100D3GAC KEMET-C0201C100D3GAC Datasheet
119Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0201 Series - C0G Dielectric
C0402C121J5GAC KEMET-C0402C121J5GAC Datasheet
173Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0402 Series - C0G Dielectric
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R Datasheet
84Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 11-Nov-08
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com