Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5Z6.0 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD5Z6.0
Description  Low capacitance unidirectional ESD protection diodes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5Z6.0 Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD5Z6.0 Datasheet HTML 1Page - NXP Semiconductors PESD5Z6.0 Datasheet HTML 2Page - NXP Semiconductors PESD5Z6.0 Datasheet HTML 3Page - NXP Semiconductors PESD5Z6.0 Datasheet HTML 4Page - NXP Semiconductors PESD5Z6.0 Datasheet HTML 5Page - NXP Semiconductors PESD5Z6.0 Datasheet HTML 6Page - NXP Semiconductors PESD5Z6.0 Datasheet HTML 7Page - NXP Semiconductors PESD5Z6.0 Datasheet HTML 8Page - NXP Semiconductors PESD5Z6.0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
PESD5ZX_SER_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 4 April 2008
5 of 17
NXP Semiconductors
PESD5Zx series
Low capacitance unidirectional ESD protection diodes
6.
Characteristics
Table 9.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
PESD5Z2.5
-
-
2.5
V
PESD5Z3.3
-
-
3.3
V
PESD5Z5.0
-
-
5.0
V
PESD5Z6.0
-
-
6.0
V
PESD5Z7.0
-
-
7.0
V
PESD5Z12
-
-
12.0
V
IRM
reverse leakage current
PESD5Z2.5
VRWM = 2.5 V
-
0.5
6
µA
PESD5Z3.3
VRWM = 3.3 V
-
8
50
nA
PESD5Z5.0
VRWM = 5.0 V
-
5
50
nA
PESD5Z6.0
VRWM = 6.0 V
-
2
10
nA
PESD5Z7.0
VRWM = 7.0 V
-
< 1
10
nA
PESD5Z12
VRWM = 12.0 V
-
< 1
10
nA
VBR
breakdown voltage
IR =1mA
PESD5Z2.5
4
-
-
V
PESD5Z3.3
5
-
-
V
PESD5Z5.0
6.2
-
-
V
PESD5Z6.0
6.8
-
-
V
PESD5Z7.0
7.5
-
-
V
PESD5Z12
14.1
-
-
V
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD5Z2.5
-
229
300
pF
PESD5Z3.3
-
172
200
pF
PESD5Z5.0
-
89
150
pF
PESD5Z6.0
-
78
150
pF
PESD5Z7.0
-
69
150
pF
PESD5Z12
-
35
75
pF
VCL
clamping voltage
IPP =5A
[1][2]
PESD5Z2.5
-
8
9
V
PESD5Z3.3
-
8
10
V
PESD5Z5.0
-
12
13
V
PESD5Z6.0
-
12
13
V
PESD5Z7.0
-
14
15
V
PESD5Z12
-
27
30
V


Similar Part No. - PESD5Z6.0

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5Z6.0 NEXPERIA-PESD5Z6.0 Datasheet
214Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
More results

Similar Description - PESD5Z6.0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD3V3L1UA NXP-PESD3V3L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5V0L1UA NXP-PESD5V0L1UA Datasheet
120Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
PESD5ZX PHILIPS-PESD5ZX Datasheet
142Kb / 17P
   Low capacitance unidirectional ESD protection diodes
Rev. 02-4 April 2008
logo
Nexperia B.V. All right...
PESD5Z12 NEXPERIA-PESD5Z12 Datasheet
218Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z5.0 NEXPERIA-PESD5Z5.0 Datasheet
214Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5Z6.0 NEXPERIA-PESD5Z6.0 Datasheet
214Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
PESD5V0L1UB-Q NEXPERIA-PESD5V0L1UB-Q Datasheet
240Kb / 11P
   Low capacitance unidirectional ESD protection diodes
10 June 2022
PESD5Z3.3 NEXPERIA-PESD5Z3.3 Datasheet
213Kb / 11P
   Low capacitance unidirectional ESD protection diodes
6 April 2021
logo
NXP Semiconductors
PESD6V0L2UU NXP-PESD6V0L2UU Datasheet
95Kb / 13P
   Low capacitance unidirectional ESD protection diodes
Rev. 01-11 March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com