Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43030-0007 Datasheet(PDF) 3 Page - MolexKits

Part # 43030-0007
Description  Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

43030-0007 Datasheet(HTML) 3 Page - MolexKits

  43030-0007 Datasheet HTML 1Page - MolexKits 43030-0007 Datasheet HTML 2Page - MolexKits 43030-0007 Datasheet HTML 3Page - MolexKits 43030-0007 Datasheet HTML 4Page - MolexKits 43030-0007 Datasheet HTML 5Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0146
Molex Part No.
Quantity in
Kit
45627-0002-C
20
08-70-1040
30
45626-0001
3
45579-0001
5
71661-7050
1
71661-7080
1
71660-7050
1
71660-7080
1
15-06-0040
2
15-06-0060
2
15-06-0045
2
15-06-0065
2
15-24-6040
2
4.20mm (.165") Pitch Mini-Fit BMI™ Plug Panel Mount 4
Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Plug Panel Mount 6
Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Header, Right Angle, 4
Circuits Tin Plating
2.50mm (.098”) Pitch SPOX™ BMI Receptacle, Panel
Mount, 6 Circuits
80CKT .050 In Pitch EBBI™ 50D Blind Mate Vertical
Receptacle
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Panel
Mount, 4 Circuits
4.20mm (.165") Pitch Mini-Fit BMI™ Receptacle Panel
Mount, 6 Circuits
Mexico
USA
USA
USA
USA
USA
50CKT .050 In Pitch EBBI™ 50D Blind Mate Vertical Plug
80CKT .050 In Pitch EBBI™ 50D Blind Mate Vertical Plug
50CKT .050 In Pitch EBBI™ 50D Blind Mate Vertical
Receptacle
SPOX™ Male Terminal 24-22 AWG
Mini-SPOX™ Female Terminal, 28-22 AWG
2.50mm (.098") Pitch SPOX™ BMI Plug, Dual Row, Panel
Mount, 6 Circuits
Country
of Origin
• Positive housing locks to mate with Mini-
Fit Jr.
• Fully isolated terminals to protect
contacts
• Uses low engagement force terminals
• Receptacle floats in panel cutout up to
1.27mm (.050") in any direction
• Innovative panel mounting design holds
connectors firmly in place
• Use standard Micro-Fit 3.0 terminals to
reduce inventory
• Fully polarized to prevent mismating
• 4 points of contact for optimum reliability
• Locking tang secures terminal in housing
• Fully isolated contacts prevent terminal
damage
• Box-type spring contact for high normal
force
• Security and Alarms
• Vending and Gaming
• White Goods
• High End Computer
• Business Machines
• Storage
• Energy and Power
• Environmental Equipment and Controls
• Production Equipment
• Broadcast Equipment
• Telecom Infrastructure
• Personal Computers
• Computers and Workstations
• Handheld Devices
• Office Equipment
• Fan Tray Assemblies
• Power Supplies
• Gaming and Vending
USA
USA
USA
Bill of Materials for Part No. 76650-0146
Description
USA
China
USA
China
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 3 of 5


Similar Part No. - 43030-0007

ManufacturerPart #DatasheetDescription
logo
MolexKits
43030-0007 MOLEXKITS-43030-0007 Datasheet
21Kb / 3P
   Plugs, Receptacles
43030-0007 MOLEXKITS-43030-0007 Datasheet
22Kb / 3P
   Plugs, Receptacles
logo
Molex Electronics Ltd.
43030-0007 MOLEX5-43030-0007 Datasheet
165Kb / 2P
   Micro-Fit 3.0??Crimp Terminal, Female, with Tin (Sn) Plated Tin/Brass Alloy Contact, 20-24 AWG, Bag
43030-0007 MOLEX11-43030-0007 Datasheet
131Kb / 1P
   MICRO-FIT (3.0) FEMALE CRIMP TERMINAL
43030-0007 MOLEX11-43030-0007 Datasheet
131Kb / 1P
   MICRO-FIT (3.0) FEMALE CRIMP TERMINAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com