Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19417-0048-C Datasheet(PDF) 4 Page - MolexKits

Part # 19417-0048-C
Description  Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

19417-0048-C Datasheet(HTML) 4 Page - MolexKits

  19417-0048-C Datasheet HTML 1Page - MolexKits 19417-0048-C Datasheet HTML 2Page - MolexKits 19417-0048-C Datasheet HTML 3Page - MolexKits 19417-0048-C Datasheet HTML 4Page - MolexKits 19417-0048-C Datasheet HTML 5Page - MolexKits 19417-0048-C Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0151
Molex Part No.
Quantity in Kit
84727-1005
1
84728-1005
1
84729-0009
1
84730-0001
1
84700-0002
1
84702-0005
1
19420-0010-C
50
19417-0048-C
50
• Matte seal design
• Audible and tactile clicks on insertion,
extraction, and mating
• Meets USCAR performance requirements
• Smallest 1.50mm (.059") sealed
connector in the market
• Terminal retention is 2x industry standard
• Clip slot standard on male side
• Low insertion force
• Strong crimps
• Accommodates SAE and metric wires
• Easy terminal extraction and insertion
• Lead free
• Automotive Vehicles
• Commercial Vehicles
• Recreational Vehicles
• Industrial Vehicles and Equipment
• Construction Equipment
• Marine Equipment
USA
USB Type B Panel Mount PCB Receptacle
MX150L™ Male Terminal (22-18) AWG
Bill of Materials for Part No. 76650-0151
Country
of Origin
Taiwan
USB Type A, Panel Mount PCB, Receptacle
0.5 Ft Long, 5C Pigtailed, USB Type A, Plug, Shielded
0.5 Ft Long, 5C Pigtailed, USB Type B, Plug, Shielded
• JIS D0203 S2 waterproof compliant
• Unique seal stopper design provides low
insertion force
• For tight packaging applications
• User-friendly friction lock saves space and
protects locking latch area
• Polarizing rib to ensure proper mating
• Unique spring-beam design provides high
pressure and small deflection for high
vibration applications
• Stabilizing bump at tip keeps terminal in
place during mating
• Raised split-beam design provides
polarization
• Seal is in housing to simplify crimping
process
• Motorcycle
• Recreation Vehicle
• Marine/Boat
• Bus
• Automobile Door Mirror
• Heated Toilet Seat
• Bug Zapper
• Outdoor Lighted Sign
• Vending Machine
• Medical
• Factory Automation Equipment
Plug Field Wireable Assembly RJ-45 CAT5e
MX150L™ Female Terminal (22-18) AWG
Receptacle PCB Mount Assembly RJ-45 CAT5e
Mexico
USA
Mexico
Description
Mexico
Mexico
Mexico
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 4 of 6


Similar Part No. - 19417-0048-C

ManufacturerPart #DatasheetDescription
logo
MolexKits
19417-0048-C MOLEXKITS-19417-0048-C Datasheet
39Kb / 3P
   Dual Row Panel Mount Sealed Plug and Receptacle, IP-67
More results

Similar Description - 19417-0048-C

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
719515999010808 AVX-719515999010808 Datasheet
60Kb / 2P
   Automotive Splashproof Connectors
logo
Nihon Kaiheiki Industry...
SPLASHPROOF NKK-SPLASHPROOF Datasheet
2Mb / 4P
   Splashproof/Sealed SmartSwitches
logo
Littelfuse
01520004Z LITTELFUSE-01520004Z Datasheet
89Kb / 1P
   MAXI??Fuse Splashproof Fuseholder
0FHM000XLXN LITTELFUSE-0FHM000XLXN Datasheet
562Kb / 1P
   INLINE SPLASHPROOF FUSE HOLDER
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
   Pushbutton Switches, Splashproof Boot Seals
logo
Littelfuse
298907-030 LITTELFUSE-298907-030 Datasheet
140Kb / 1P
   MEGA짰 298 SPLASHPROOF SERIES FUSE HOLDER
2021
logo
MolexKits
76650-0143 MOLEXKITS-76650-0143 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Tyco Electronics
1-1734035-2 MACOM-1-1734035-2 Datasheet
386Kb / 4P
   MINI USB, SMT, B TYPE
logo
Kycon, Inc.
KMBX KYCON-KMBX Datasheet
434Kb / 1P
   Mini USB B Type Socket
logo
MolexKits
76650-0143 MOLEXKITS-76650-0143 Datasheet
80Kb / 6P
   Deluxe Audio Video Data Application Kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com