Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUMH20 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUMH20
Description  NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMH20 Datasheet(HTML) 2 Page - NXP Semiconductors

  PUMH20 Datasheet HTML 1Page - NXP Semiconductors PUMH20 Datasheet HTML 2Page - NXP Semiconductors PUMH20 Datasheet HTML 3Page - NXP Semiconductors PUMH20 Datasheet HTML 4Page - NXP Semiconductors PUMH20 Datasheet HTML 5Page - NXP Semiconductors PUMH20 Datasheet HTML 6Page - NXP Semiconductors PUMH20 Datasheet HTML 7Page - NXP Semiconductors PUMH20 Datasheet HTML 8Page - NXP Semiconductors PUMH20 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PEMH20_PUMH20_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 November 2009
2 of 9
NXP Semiconductors
PEMH20; PUMH20
NPN/NPN resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 2.2 kΩ
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
1
GND (emitter) TR1
2
input (base) TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
output (collector) TR1
001aab555
6
4
5
1
3
2
65
4
1
23
R2
TR1
TR2
R1
R2
R1
sym063
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PEMH20
-
plastic surface mounted package; 6 leads
SOT666
PUMH20
SC-88
plastic surface mounted package; 6 leads
SOT363
Table 5.
Marking codes
Type number
Marking code[1]
PEMH20
6K
PUMH20
H7*


Similar Part No. - PUMH20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMH20 PHILIPS-PUMH20 Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PUMH20 PHILIPS-PUMH20 Datasheet
52Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
Rev. 03-14 February 2005
logo
Nexperia B.V. All right...
PUMH20 NEXPERIA-PUMH20 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 04 - 15 November 2009
More results

Similar Description - PUMH20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH20_PUMH20 PHILIPS-PEMH20_PUMH20_15 Datasheet
283Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 2.2 k廓, R2 = 2.2 k廓
Rev. 04-15 November 2009
PDTC123E NXP-PDTC123E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 06
logo
Nexperia B.V. All right...
PDTC123EMB NEXPERIA-PDTC123EMB Datasheet
960Kb / 13P
   NPN resistor-equipped transistor; R1 = 2.2 k廓, R2 = 2.2 k廓
logo
NXP Semiconductors
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
PDTC123J NXP-PDTC123J Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 13
logo
Nexperia B.V. All right...
PQMH10 NEXPERIA-PQMH10 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC123Y NXP-PDTC123Y Datasheet
145Kb / 11P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 10 k廓
Rev. 04-16 November 2009
PDTA123E NXP-PDTA123E Datasheet
189Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PQMD10 NEXPERIA-PQMD10 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMD10 NXP-PEMD10 Datasheet
149Kb / 9P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com