Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54596-0710 Datasheet(PDF) 1 Page - MolexKits

Part # 54596-0710
Description  IDT SMT Right Angle Header and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

54596-0710 Datasheet(HTML) 1 Page - MolexKits

  54596-0710 Datasheet HTML 1Page - MolexKits 54596-0710 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0139
Features and Benefits
Applications
• Security devices
• Car audio, car multimedia, car HVAC
• Office equipment
• Set-up boxes
• 1.5 amps meets office automation
standards
• Internal positive lock for secure retention
• IDT housing for cost effective termination
Right Angle
Mini Mi II™ wire harness system is designed for high-density harness applications.
Mini Mi II provides the same 1.5 amperes of current as similar 2.00mm (.079") pitch
systems, but in a more compact design. Molex's Integrated Product Division
provides the new Mini MiII system in both wire-to-board and wire-to-wire options
with different custom lengths and wire configurations enabling multi-branch
harnessing configurations, similar to Molex's existing 2.00mm (.079") pitch MiII
system. The system saves about 45% of PCB space compared to 2.00mm MiII.
Mini MiII is available in 2 to 40 circuits in single/dual row and SMT/through-hole
styles.
Voltage:
2, 4, 7, 12, 18 and 20
Current Rating:
1.5 Amps
General Information
Molex / Waldom
Wire-to-Board
1.25mm (.049")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design
Configuration:
76650-0139
Manufacturer:
Country of Origin:
Mini Mi II™
Certificates:
IDT SMT Right Angle Header and Receptacle
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Title:
Mini Mi II Connector Kit
Specifications
Product Highlights
Wire size:
100 Volts
28-26 AWG
Circuit Sizes:
Pitch:
Mounting
Orientation:
Connector Type:
Surface Mount Headers and IDT Receptacles
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 54596-0710

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54596-0710 MOLEX7-54596-0710 Datasheet
117Kb / 3P
   MINI MI2 REC. ASSY (SN)
More results

Similar Description - 54596-0710

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0122 MOLEXKITS-76650-0122 Datasheet
42Kb / 2P
   Right Angle Header and IDT Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0123 MOLEXKITS-76650-0123 Datasheet
42Kb / 2P
   SMT Vertical Header and IDT Receptacle
76650-0137 MOLEXKITS-76650-0137 Datasheet
43Kb / 2P
   IDT SMT Vertical Header and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0140 MOLEXKITS-76650-0140 Datasheet
44Kb / 2P
   IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
76650-0127 MOLEXKITS-76650-0127 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
76650-0121 MOLEXKITS-76650-0121 Datasheet
38Kb / 2P
   IDT Board-In Right Angle Receptacle Header
76650-0129 MOLEXKITS-76650-0129 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com