Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEMD10 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PEMD10
Description  NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD10 Datasheet(HTML) 7 Page - NXP Semiconductors

  PEMD10 Datasheet HTML 1Page - NXP Semiconductors PEMD10 Datasheet HTML 2Page - NXP Semiconductors PEMD10 Datasheet HTML 3Page - NXP Semiconductors PEMD10 Datasheet HTML 4Page - NXP Semiconductors PEMD10 Datasheet HTML 5Page - NXP Semiconductors PEMD10 Datasheet HTML 6Page - NXP Semiconductors PEMD10 Datasheet HTML 7Page - NXP Semiconductors PEMD10 Datasheet HTML 8Page - NXP Semiconductors PEMD10 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2004 Apr 15
7
NXP Semiconductors
Product data sheet
NPN/PNP resistor-equipped transistors;
R1 = 2.2 k
Ω, R2 = 47 kΩ
PEMD10; PUMD10
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface-mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
04-11-08
06-03-16


Similar Part No. - PEMD10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
logo
Nexperia B.V. All right...
PEMD10 NEXPERIA-PEMD10 Datasheet
917Kb / 16P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 3 - 3 January 2012
PEMD10 NEXPERIA-PEMD10 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 6 - 4 January 2012
logo
NXP Semiconductors
PEMD10_PUMD10 PHILIPS-PEMD10_PUMD10_15 Datasheet
928Kb / 16P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k?? R2 = 47 k?
Rev. 6-4 January 2012
logo
Nexperia B.V. All right...
PEMD10 NEXPERIA-PEMD10_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 6 - 4 January 2012
More results

Similar Description - PEMD10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
logo
Nexperia B.V. All right...
PQMD10 NEXPERIA-PQMD10 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTA123J NXP-PDTA123J Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 02
PDTC123J NXP-PDTC123J Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 13
PEMB10 NXP-PEMB10 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 03
PEMH10 NXP-PEMH10 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 20
logo
Nexperia B.V. All right...
PQMH10 NEXPERIA-PQMH10 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com