Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-09-2122 Datasheet(PDF) 2 Page - MolexKits

Part # 03-09-2122
Description  Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

03-09-2122 Datasheet(HTML) 2 Page - MolexKits

  03-09-2122 Datasheet HTML 1Page - MolexKits 03-09-2122 Datasheet HTML 2Page - MolexKits 03-09-2122 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0018
Molex Part No.
Quantity in
Kit
02-09-1119
100
02-09-2118
100
03-09-1011
25
03-09-1027
5
03-09-1041
4
03-09-1054
3
03-09-1061
1
03-09-1081
4
03-09-1091
1
03-09-1121
1
03-09-1151
1
03-09-2011
25
03-09-2021
5
03-09-2031
4
03-09-2041
4
03-09-2057
3
03-09-2061
1
03-09-2091
1
03-09-2122
1
03-09-2159
1
W-HT-1919^
Standard Crimping Tool, Crimps 24-14 AWG
1
W-HT-2054^
Extraction Tool
1
5.03mm (.198 ") Pitch 9-Circuit Panel Mount Connector Plug
5.03mm (.198 ") Pitch 12-Circuit Panel Mount Connector
Plug
^ = Tool Provided by Waldom
5.03mm (.198 ") Pitch 3-Circuit Panel Mount Connector Plug
5.03mm (.198 ") Pitch 4-Circuit Panel Mount Connector Plug
5.03mm (.198 ") Pitch 12-Circuit Panel Mount Connector
Receptacle
5.03mm (.198 ") Pitch 15-Circuit Panel Mount Connector
Receptacle
5.03mm (.198 ") Pitch 1-Circuit Free-hanging Connector Plug
5.03mm (.198 ") Pitch 2-Circuit Panel Mount Connector Plug
5.03mm (.198 ") Pitch 15-Circuit Panel Mount Connector
Plug
.093” Dia. Crimp Female Socket Terminals, 22-18 AWG
.093” Dia. Crimp Male Pin Terminals, 22-18 AWG
5.03mm (.198 ") Pitch 1-Circuit Free-hanging Connector
Receptacle
5.03mm (.198 ") Pitch 2-Circuit Panel Mount Connector
Receptacle
5.03mm (.198 ") Pitch 4-Circuit Panel Mount Connector
Receptacle
5.03mm (.198 ") Pitch 5-Circuit Panel Mount Connector
Receptacle
5.03mm (.198 ") Pitch 6-Circuit Panel Mount Connector
Receptacle
5.03mm (.198 ") Pitch 3-Circuit Panel Mount Connector
Receptacle
5.03mm (.198 ") Pitch 9-Circuit Panel Mount Connector
Receptacle
USA
USA
USA
USA
USA
USA
Taiwan
USA
USA
USA
USA
USA
USA
USA
USA
Bill of Materials for Part No. 76650-0018
USA
USA
USA
USA
USA
USA
USA
Country
of Origin
5.03mm (.198 ") Pitch 5-Circuit Panel Mount Connector Plug
5.03mm (.198 ") Pitch 6-Circuit Panel Mount Connector Plug
Description
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 3


Similar Part No. - 03-09-2122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
03-09-2122 MOLEX1-03-09-2122 Datasheet
170Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
logo
MolexKits
03-09-2122 MOLEXKITS-03-09-2122 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 12 Circuit
logo
Molex Electronics Ltd.
03-09-2122 MOLEX1-03-09-2122 Datasheet
171Kb / 3P
   2.36mm (.093") Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
03-09-2122 MOLEX1-03-09-2122 Datasheet
44Kb / 1P
   2.36mm Diameter Standard
03-09-2122 MOLEX11-03-09-2122 Datasheet
44Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing, 12 Circuits, 3 Rows
More results

Similar Description - 03-09-2122

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0012 MOLEXKITS-76650-0012 Datasheet
83Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction and Premium Crimp Tool
76650-0019 MOLEXKITS-76650-0019 Datasheet
39Kb / 3P
   .062" Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V
76650-0001 MOLEXKITS-76650-0001 Datasheet
38Kb / 2P
   Single Row Plug and Receptacle with Universal Crimp Tool
76650-0007 MOLEXKITS-76650-0007 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
76650-0008 MOLEXKITS-76650-0008 Datasheet
38Kb / 2P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
logo
Molex Electronics Ltd.
0638132700 MOLEX-0638132700 Datasheet
61Kb / 7P
   Extraction and Activation Tool
08/26/2022
0638134500 MOLEX-0638134500 Datasheet
28Kb / 1P
   Extraction Tool for CTX280 Receptacle Crimp Terminal
11/02/2021
logo
MolexKits
76650-0196 MOLEXKITS-76650-0196 Datasheet
40Kb / 3P
   KK Breakaway Vertical and Right Angle Header and Receptacle with Universal Crimp Tool
logo
Molex Electronics Ltd.
63813-4500 MOLEX11-63813-4500 Datasheet
35Kb / 1P
   Extraction Tool for CPX280 Receptacle Crimp Terminal
62203-1410 MOLEX-62203-1410 Datasheet
984Kb / 4P
   Plug and Receptacle Removal Tool
02-02-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com