Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-01-3123 Datasheet(PDF) 1 Page - MolexKits

Part # 39-01-3123
Description  Free Hanging Plug and Receptacle, 3-9 A 250V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

39-01-3123 Datasheet(HTML) 1 Page - MolexKits

  39-01-3123 Datasheet HTML 1Page - MolexKits 39-01-3123 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0017
(3 - 9) Amps dependent on AWG and circuit size
Mini-Fit Jr. Power Connector Kit
The Mini-Fit Jr. Series is designed for high current/high density applications. The
Mini-Fit Jr. is appropriate for both power and signal applications as it can carry
currents of up to 9 amps per circuit. The Mini-Fit product family accepts the same
terminals and application tooling, further reducing your design and qualification
effort.
Specifications
Features and Benefits
Applications
• Fully isolated terminals
• Positive housing locks
• Four point of contact for reliability
• Low engagement force terminals
• Security and Alarms
• Vending and Gaming Machines
• White Goods
• Production Equipment
• Broadcast Equipment
• Telecom Infrastructure
Current Rating:
Pitch:
Mounting
Orientation:
2, 3, 4, 6, 8, 10, 12, 14, 16, 18 and 20
Circuit Sizes:
Manufacturer:
Country of Origin:
Mini-Fit Jr.™
Certificates:
Free Hanging Plug and Receptacle, 3-9 A 250V
(Molex parts within this kit) - EU and China RoHS, UL, CSA and TUV
Molex / Waldom
Title:
General Information
Wire-to-Wire
4.20mm (.165")
Kit assembled in U.S.A.
Description:
Product Family:
Design
Configuration:
Part Number:
76650-0017
Connector Type:
Plug and Receptacle
Free Hanging
Wire size:
600 Volts
Product Highlights
Voltage:
24-18 AWG
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 39-01-3123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-01-3123 MOLEX-39-01-3123 Datasheet
202Kb / 2P
   MINI FIT JR SERIES PLUS W/O MTG.EARS
39-01-3123 MOLEX3-39-01-3123 Datasheet
238Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Plug Housing, Dual Row, without Panel Mount Ears
39-01-3123 MOLEX11-39-01-3123 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row without Panel Mount Ears, PA Polyamide Nylon
More results

Similar Description - 39-01-3123

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0160 MOLEXKITS-76650-0160 Datasheet
39Kb / 3P
   Free Hanging Plug and Receptacle
76650-0061 MOLEXKITS-76650-0061 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
76650-0062 MOLEXKITS-76650-0062 Datasheet
38Kb / 2P
   Free Hanging Plug and Receptacle, 1 Circuit
76650-0159 MOLEXKITS-76650-0159 Datasheet
38Kb / 2P
   3.00mm(.118)Pitch Single Row Free Hanging Plug and Receptacle
logo
Tyco Electronics
207359-1 MACOM-207359-1 Datasheet
71Kb / 1P
   HOUSING, RECEPTACLE, 3 POSITION, IN-LINE, FREE HANGING, METRMATE
logo
TE Connectivity Ltd
C-2106136 TEC-C-2106136 Datasheet
352Kb / 1P
   ASSEMBLY, RECEPTACLE, FREE HANGING, SLIMSEAL SSL CONNECTOR
C-2213428 TEC-C-2213428 Datasheet
490Kb / 2P
   FREE HANGING,SOCKET SEALED NECTOR M 3 POSN
C-2213414 TEC-C-2213414 Datasheet
259Kb / 2P
   HOUSING, PIN, FREE-HANGING NECTOR M-LINE; 3 POLE
logo
Molex Electronics Ltd.
19-09-1152 MOLEX11-19-09-1152 Datasheet
45Kb / 2P
   2.36mm Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 15 Circuits, 3 Rows, Free-Hanging
0019091152 MOLEX2-0019091152 Datasheet
172Kb / 4P
   2.36mm (.093) Diameter, .093 Pin and Socket Receptacle Housing with Positive Latch, 15 Circuits, 3 Rows, Free-Hanging
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com