Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-06-1061 Datasheet(PDF) 3 Page - MolexKits

Part # 03-06-1061
Description  .062" Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

03-06-1061 Datasheet(HTML) 3 Page - MolexKits

  03-06-1061 Datasheet HTML 1Page - MolexKits 03-06-1061 Datasheet HTML 2Page - MolexKits 03-06-1061 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0019
Molex Part No.
63811-1000 *
Hand Crimp Tool
11-03-0002 *
Extraction Tool
11-02-0001 *
Insertion Tool
*Tool(s) not included in kit. Tool(s) ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0019*
Country
of Origin
Description
Sweden
Sweden
Sweden
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 3 of 3


Similar Part No. - 03-06-1061

ManufacturerPart #DatasheetDescription
logo
MolexKits
03-06-1061 MOLEXKITS-03-06-1061 Datasheet
83Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction and Premium Crimp Tool
03-06-1061 MOLEXKITS-03-06-1061 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 6 Circuit
logo
Molex Electronics Ltd.
03-06-1061 MOLEX1-03-06-1061 Datasheet
181Kb / 4P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, 6 Circuits, With Standard Mounting Ears
03-06-1061 MOLEX11-03-06-1061 Datasheet
38Kb / 2P
   1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing, 6 Circuits, with Standard Mounting Ears
03-06-1061-V MOLEX11-03-06-1061-V Datasheet
157Kb / 2P
   .062/(1.57) HOUSING PLUG & RECEPTACLE 6 CKT, .145/(3.68) C.L.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com