Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39-28-1083 Datasheet(PDF) 3 Page - MolexKits

Part # 39-28-1083
Description  Vertical and Right Angle Header Plug and Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

39-28-1083 Datasheet(HTML) 3 Page - MolexKits

  39-28-1083 Datasheet HTML 1Page - MolexKits 39-28-1083 Datasheet HTML 2Page - MolexKits 39-28-1083 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0013
*Tool(s) not included in kit. Tool(s) ordered separately.
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 3 of 3


Similar Part No. - 39-28-1083

ManufacturerPart #DatasheetDescription
logo
MolexKits
39-28-1083 MOLEXKITS-39-28-1083 Datasheet
39Kb / 2P
   Vertical Header and Receptacle
39-28-1083 MOLEXKITS-39-28-1083 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 8 Circuit
logo
Molex Electronics Ltd.
39-28-1083 MOLEX3-39-28-1083 Datasheet
511Kb / 6P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock
39-28-1083 MOLEX11-39-28-1083 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
More results

Similar Description - 39-28-1083

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0158 MOLEXKITS-76650-0158 Datasheet
40Kb / 3P
   Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0220 MOLEXKITS-76650-0220 Datasheet
38Kb / 2P
   Gold Right Angle Header,Plug and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0023 MOLEXKITS-76650-0023 Datasheet
37Kb / 2P
   Pluggable PCB Vertical and Right Angle Header and Plug
76650-0114 MOLEXKITS-76650-0114 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com