Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03-06-2062 Datasheet(PDF) 1 Page - MolexKits

Part # 03-06-2062
Description  Panel Mount Plug and Receptacle, with Extraction and Premium Crimp Tool
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

03-06-2062 Datasheet(HTML) 1 Page - MolexKits

  03-06-2062 Datasheet HTML 1Page - MolexKits 03-06-2062 Datasheet HTML 2Page - MolexKits 03-06-2062 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0012
Features and Benefits
The Standard .062" is a durable and economical power or signal connector,
capable of carrying up to 5.0 amps per circuit. Tough Nylon housings and robust
terminal design create a durable, long lasting product. The Standard .062" products
are reliable and offer high value in features and price. These products are an
excellent choice for power or signal interconnect applications.
Wire size:
24-18 AWG
• Male and female terminals may be used in
either plug or receptacle housings
• Free hanging or panel mount housing
version available
• Round terminals may be oriented in any
direction for fast assembly
• Passive (friction lock)
• Polarized housing assures proper mating
General Information
Molex / Waldom
3.68mm (.145 "), Except 36 circuit Receptacle is 4.19mm (.165")
Kit assembled in U.S.A.
Description:
Product Family:
Design
Configuration:
Part Number:
Pitch:
76650-0012
Manufacturer:
Country of Origin:
Standard .062"
Certificates:
Panel Mount Plug and Receptacle, with Extraction and Premium Crimp Tool
Title:
.062" Power Connector Kit
(Molex parts within this kit) - EU and China RoHS, UL, CSA and TUV
250 Volts
Specifications
Circuit Sizes:
Connector Type:
Wire-to-Wire
Plug and Receptacle
1, 2, 3, 4, 5, 6, 9, 12, 15 and 36
Current Rating:
5 Amps - Except 36 circuit is 4 Amps
Voltage:
Product Highlights
Applications
• Power Supplies
• Appliances
• Gaming Machines
• Vending Machines
• Refrigerators
• Washing Machines
• Copy Machines
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 3


Similar Part No. - 03-06-2062

ManufacturerPart #DatasheetDescription
logo
MolexKits
03-06-2062 MOLEXKITS-03-06-2062 Datasheet
39Kb / 3P
   .062" Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V
03-06-2062 MOLEXKITS-03-06-2062 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 6 Circuit
logo
Molex Electronics Ltd.
03-06-2062 MOLEX1-03-06-2062 Datasheet
181Kb / 4P
   1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, 6 Circuits, With Standard Mounting Ears
03-06-2062 MOLEX11-03-06-2062 Datasheet
38Kb / 2P
   1.57mm Diameter Standard .062 Pin and Socket Plug Housing, 6 Circuits, with Standard Mounting Ears
03-06-2062-V MOLEX11-03-06-2062-V Datasheet
157Kb / 2P
   .062/(1.57) HOUSING PLUG & RECEPTACLE 6 CKT, .145/(3.68) C.L.
More results

Similar Description - 03-06-2062

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0018 MOLEXKITS-76650-0018 Datasheet
39Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
76650-0019 MOLEXKITS-76650-0019 Datasheet
39Kb / 3P
   .062" Power Connector Kit Panel Mount Plug and Receptacle, with Extraction and Universal Crimp Tool, 5A 250V
76650-0009 MOLEXKITS-76650-0009 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
76650-0010 MOLEXKITS-76650-0010 Datasheet
39Kb / 3P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
76650-0001 MOLEXKITS-76650-0001 Datasheet
38Kb / 2P
   Single Row Plug and Receptacle with Universal Crimp Tool
76650-0014 MOLEXKITS-76650-0014 Datasheet
39Kb / 2P
   Panel Mount Plug and Receptacle
76650-0157 MOLEXKITS-76650-0157 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle
76650-0007 MOLEXKITS-76650-0007 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
76650-0008 MOLEXKITS-76650-0008 Datasheet
38Kb / 2P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
logo
Molex Electronics Ltd.
0638132700 MOLEX-0638132700 Datasheet
61Kb / 7P
   Extraction and Activation Tool
08/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com