Electronic Components Datasheet Search |
|
LR4-550F Datasheet(PDF) 7 Page - Tyco Electronics |
|
LR4-550F Datasheet(HTML) 7 Page - Tyco Electronics |
7 / 18 page RADIAL-LEADED DEVICES FOR ELECTRONICS APPLICA TIONS 4 16V High Temperature ELV Compliant, RoHS Compliant 16V High Temperature ELV Compliant, RoHS Compliant Dimensions (millimeters/ inches) Part IH* IT V max. I max.** R1max. Agency A B C number (A) (A) (Vdc) (A) ( Ω) recognition (max.) (max.) (nom.) Fig. RHEF 30V RHEF050 0.5 0.92 30 40 1.1 UL, TÜV, CSA 7.4 (0.29) 12.7 (0.50) 5.08 (0.20) 11 RHEF070 0.7 1.4 30 40 0.8 UL, TÜV, CSA 6.9 (0.27) 10.8 (0.43) 5.08 (0.20) 12 RHEF100 1.0 1.8 30 40 0.43 UL, TÜV, CSA 9.7 (0.38) 13.6 (0.54) 5.08 (0.20) 11 RHEF 16V RHEF200 2.0 3.8 16 100 0.110 UL, TÜV, CSA 9.40 (0.37) 14.4 (0.57) 5.08 (0.20) 11 RHEF400 4.0 7.0 16 100 0.044 UL, TÜV, CSA 11.40 (0.45) 18.0 (0.71) 5.08 (0.20) 13 RHEF450 4.5 7.8 16 100 0.054 UL, TÜV, CSA 10.40 (0.41) 15.6 (0.61) 5.08 (0.20) 13 RHEF600 6.0 10.8 16 100 0.032 UL, TÜV, CSA 11.20 (0.44) 21.0 (0.83) 5.08 (0.20) 13 RHEF650 6.5 12.0 16 100 0.026 UL, TÜV, CSA 12.70 (0.50) 22.2 (0.88) 5.08 (0.20) 13 RHEF750 7.5 13.1 16 100 0.022 UL, TÜV, CSA 14.00 (0.55) 23.5 (0.93) 5.08 (0.20) 13 RHEF900 9.0 16.5 16 100 0.017 UL, TÜV, CSA 16.50 (0.65) 25.7 (1.01) 5.08 (0.20) 13 RHEF1000 10.0 18.5 16 100 0.015 UL, TÜV, CSA 17.50 (0.69) 26.5 (1.04) 10.90 (0.43) 13 RHEF1300 13.0 24.0 16 100 0.010 UL, TÜV, CSA 23.50 (0.925) 28.7 (1.13) 10.90 (0.43) 13 RHEF1500 15.0 28.0 16 100 0.0092 UL, TÜV, CSA 23.50 (0.925) 28.7 (1.13) 10.90 (0.43) 13 * Hold current @ 25°C. ** Device may withstand higher interrupt current at lower voltages. Each application will need to be individually evaluated. Dimensions (millimeters/ inches) Part IH* IT V max. I max.** R1max. Agency A B C number (A) (A) (Vdc) (A) ( Ω) recognition (max.) (max.) (nom.) Fig. RGEF250 2.5 4.7 16 100 0.0530 UL, TÜV, CSA 8.9 (0.35) 12.8 (0.50) 5.08 (0.20) 14 RGEF300 3.0 5.1 16 100 0.0980 UL, TÜV, CSA 7.1 (0.28) 11.0 (0.43) 5.08 (0.20) 15 RGEF400 4.0 6.8 16 100 0.0600 UL, TÜV, CSA 8.9 (0.35) 12.8 (0.50) 5.08 (0.20) 15 RGEF500 5.0 8.5 16 100 0.0340 UL, TÜV, CSA 10.4 (0.41) 14.3 (0.56) 5.08 (0.20) 15 RGEF600 6.0 10.2 16 100 0.0280 UL, TÜV, CSA 10.7 (0.42) 17.1 (0.67) 5.08 (0.20) 15 RGEF700 7.0 11.9 16 100 0.0220 UL, TÜV, CSA 11.2 (0.44) 19.7 (0.78) 5.08 (0.20) 15 RGEF800 8.0 13.6 16 100 0.0175 UL, TÜV, CSA 12.7 (0.50) 20.9 (0.82) 5.08 (0.20) 15 RGEF900 9.0 15.3 16 100 0.0135 UL, TÜV, CSA 14.0 (0.55) 21.7 (0.85) 5.08 (0.20) 15 RGEF1000 10.0 17.0 16 100 0.0102 UL, TÜV, CSA 16.5 (0.65) 25.2 (0.99) 5.08 (0.20) 15 RGEF1100 11.0 18.7 16 100 0.0089 UL, TÜV, CSA 17.5 (0.69) 26.0 (1.02) 5.08 (0.20) 15 RGEF1200 12.0 20.4 16 100 0.0086 UL, TÜV, CSA 17.5 (0.69) 28.0 (1.10) 10.90 (0.43) 15 RGEF1400 14.0 23.8 16 100 0.0064 UL, TÜV, CSA 23.5 (0.92) 27.9 (1.10) 10.90 (0.43) 15 * Hold current @ 25°C. ** Device may withstand higher interrupt current at lower voltages. Each application will need to be individually evaluated. New New New New Figure 13 A B C Lead size RHEF400-1000 Ø 0.81 (0.032) 20 AWG RHEF1300, RHEF1500 Ø 1.0 (0.04) 18 AWG Figure 11 A B C Lead size RHEF050, 100, 200 Ø 0.51 (0.020) 24 AWG Lead size RGEF250 Ø 0.51 (0.020) 24 AWG Figure 14 A B C Figure 15 A B C Lead size RGEF300-RGE1100 Ø 0.81 (0.032) 20 AWG RGEF1200-RGE1400 Ø 1.0 (0.04) 18 AWG The RHEF series devices offer a high operating tem- perature (up to 125C) and the broadest range of hold currents available in the radial-leaded form factor (70mA to 15A). The RHEF series devices can also be advantageous for use in standard operating tempera- tures of up to 85C because they have a flatter thermal derating curve than other radial-leaded devices. Over the same temperature range, the trip-to-hold ratio is lower for an RHEF device compared with other PPTC devices. The RGEF series devices are rated for 16V and have hold current ranges of 2.5A to 14A. These parts are smaller and trip faster than the RUEF devices with the same hold currents. In addition, they have tight trip-to- hold ratios. If the application requires 16V rather than 30V and there are limitations on space, the RGEF devices can be the preferred choice. Like the RXEF and RUEF series devices, the RGEF devices are used in many markets including computer/multimedia, industrial equipment and controls, consumer and general electronics, as well as motor protection. Lead size RHEF070 Ø 0.51 (0.020) 24 AWG Figure 12 A B C |
Similar Part No. - LR4-550F |
|
Similar Description - LR4-550F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |