Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


W-HT-1921 Datasheet(PDF) 1 Page - MolexKits

Part No. W-HT-1921
Description  KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEXKITS [MolexKits]
Homepage  http://www.molexkits.com
Logo 

   
 1 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0007
The KK system of "building block" connectors can be used to create thousands of
different configurations, allowing each user to build a system that is precisely suited
to their application. KK has become known as a versatile interconnecting system
developed to meet the challenge of modularization.
2.5 Amps
Connector Type:
Receptacle and Header
Vertical and Right Angle
Wire size:
250 Volts
Product Highlights
Voltage:
30-22 AWG
General Information
Molex / Waldom
Wire-to-Board
2.54mm (.100")
Kit assembled in U.S.A.
Description:
Product Family:
Design
Configuration:
Part Number:
76650-0007
Manufacturer:
Country of Origin:
KK™
Certificates:
Vertical and Right Angle Header and Receptacle, with Extraction and Universal
Crimp Tool
(Molex parts within this kit) EU RoHS, China RoHS, UL Recognized, CSA
Title:
KK-100 Connector Kit
Specifications
Features and Benefits
Applications
• Standard cantilever terminals
• Cantilever design provides high contact
pressure
• Wiping action cleans oxides when
connector is mated
• Locking ramps for improved retention
• Vending and Gaming Machines
• Production Equipment
• Industrial Instruments
• Energy and Power
Current Rating:
Pitch:
Mounting
Orientation:
2, 4, 6, 8 and 10
Circuit Sizes:
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl