Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87438-0843 Datasheet(PDF) 3 Page - MolexKits

Part # 87438-0843
Description  SMT Vertical and Right Angle Header and Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

87438-0843 Datasheet(HTML) 3 Page - MolexKits

  87438-0843 Datasheet HTML 1Page - MolexKits 87438-0843 Datasheet HTML 2Page - MolexKits 87438-0843 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.Molexkits.com
Datasheet for 76650-0003
Molex Part No.
Quantity in
Kit
87421-0000-C
100
87437-0343
5
87437-0443
5
87437-0643
5
87437-0843
5
87437-1043
5
87438-0343
5
87438-0443
5
87438-0643
5
87438-0843
5
87438-1043
5
87439-0300
10
87439-0400
10
87439-0600
10
87439-0800
10
87439-1000
10
87437-0373
5
87437-0473
5
87437-0673
5
Molex Part No.
63811-6400 *
1.50mm (.098") Pitch Pico-Spox™ SMT Vertical Header with
Cap 6 Circuit
Singapore
Singapore
Singapore
Singapore
Singapore
Singapore
*Tool(s) not included in kit. Tool(s) ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0003
Country
of Origin
Description
Germany Hand Crimp Tool
Singapore
1.50mm (.098") Pitch Pico-Spox™ SMT Vertical Header with
Cap 4 Circuit
1.50mm (.098") Pitch Pico-Spox™ SMT Right Angle Header 8
Circuit
1.50mm (.098") Pitch Pico-Spox™ Receptacle 6 Circuit
1.50mm (.098") Pitch Pico-Spox™ Receptacle 10 Circuit
1.50mm (.098") Pitch Pico-Spox™ SMT Vertical Header with
Cap 3 Circuit
1.50mm (.098") Pitch Pico-Spox™ Receptacle 4 Circuit
Singapore
Singapore
1.50mm (.098") Pitch Pico-Spox™ SMT Right Angle Header
10 Circuit
1.50mm (.098") Pitch Pico-Spox™ SMT Vertical Header 6
Circuit
Singapore
1.50mm (.098") Pitch Pico-Spox™ SMT Vertical Header 4
Circuit
1.50mm (.098") Pitch Pico-Spox™ SMT Vertical Header 3
Circuit
Singapore
Description
Singapore
Singapore
Singapore
Country
of Origin
Bill of Materials for Part No. 76650-0003
Pico-Spox™ Female Crimp Terminal Tin, 24-30 AWG
Singapore
Singapore
Singapore
1.50mm (.098") Pitch Pico-Spox™ SMT Right Angle Header 3
Circuit
1.50mm (.098") Pitch Pico-Spox™ SMT Vertical Header 8
Circuit
Singapore
1.50mm (.098") Pitch Pico-Spox™ SMT Vertical Header 10
Circuit
1.50mm (.098") Pitch Pico-Spox™ SMT Right Angle Header 6
Circuit
1.50mm (.098") Pitch Pico-Spox™ SMT Right Angle Header 4
Circuit
Singapore
1.50mm (.098") Pitch Pico-Spox™ Receptacle 3 Circuit
1.50mm (.098") Pitch Pico-Spox™ Receptacle 8 Circuit
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 3 of 3


Similar Part No. - 87438-0843

ManufacturerPart #DatasheetDescription
logo
MolexKits
87438-0243 MOLEXKITS-87438-0243 Datasheet
24Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
87438-0343-P MOLEXKITS-87438-0343-P Datasheet
43Kb / 5P
   Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
87438-0443 MOLEXKITS-87438-0443 Datasheet
24Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
87438-0443-P MOLEXKITS-87438-0443-P Datasheet
43Kb / 5P
   Includes CLIK-Mate, PanelMate,Sherlock, Pico-Spox and MicroClasp Prodcut
87438-0643 MOLEXKITS-87438-0643 Datasheet
24Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
More results

Similar Description - 87438-0843

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0129 MOLEXKITS-76650-0129 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0139 MOLEXKITS-76650-0139 Datasheet
43Kb / 2P
   IDT SMT Right Angle Header and Receptacle
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0158 MOLEXKITS-76650-0158 Datasheet
40Kb / 3P
   Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
76650-0140 MOLEXKITS-76650-0140 Datasheet
44Kb / 2P
   IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0127 MOLEXKITS-76650-0127 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com