Electronic Components Datasheet Search |
|
11-03-0016 Datasheet(PDF) 1 Page - MolexKits |
|
11-03-0016 Datasheet(HTML) 1 Page - MolexKits |
1 / 2 page 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com Datasheet for 76650-0104 Specifications Features and Benefits Applications • Standard cantilever terminals • Cantilever design provides high contact pressure • Wiping action cleans oxides when connector is mated • Vending and Gaming Machines • Production Equipment • Industrial Instruments • Energy and Power Current Rating: Pitch: 6 Circuit Sizes: 250 Volts Manufacturer: Country of Origin: KK™ Certificates: .156 Pitch Receptacle without Ramp and Terminals, 6 Circuit (Molex parts within this kit) - EU and China RoHS Compliant, UL and CSA Title: KK-156 Connector Kit General Information Molex / Waldom Wire-to-Board 3.96mm (.156") Kit assembled in U.S.A. Description: Product Family: Design Configuration: Part Number: 76650-0104 Wire size: Product Highlights The KK system of "building block" connectors can be used to create thousands of different configurations, allowing each user to build a system that is precisely suited to their application. KK has become known as a versatile interconnecting system developed to meet the challenge of modularization. Voltage: 24-18 AWG 4.75 Amps Connector Type: Receptacle without Locking Ramp For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com Page 1 of 2 |
Similar Part No. - 11-03-0016 |
|
Similar Description - 11-03-0016 |