Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUEF600-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RUEF600-2
Description  PolySwitch Resettable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RUEF600-2 Datasheet(HTML) 3 Page - Tyco Electronics

  RUEF600-2 Datasheet HTML 1Page - Tyco Electronics RUEF600-2 Datasheet HTML 2Page - Tyco Electronics RUEF600-2 Datasheet HTML 3Page - Tyco Electronics RUEF600-2 Datasheet HTML 4Page - Tyco Electronics RUEF600-2 Datasheet HTML 5Page - Tyco Electronics RUEF600-2 Datasheet HTML 6Page - Tyco Electronics RUEF600-2 Datasheet HTML 7Page - Tyco Electronics RUEF600-2 Datasheet HTML 8Page - Tyco Electronics RUEF600-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Cont'd
...
Maximum Ambient Temperature
-40°C
-20°C
0°C
20°C
25°C40°C50°C60°C70°C85°C
125°C
Part Number
LVR/LVRL
240VAC /120VAC
LVR005
0.08
0.06
0.05
0.05
0.04
0.04
0.03
0.03
0.02
LVR008
0.12
0.10
0.08
0.08
0.07
0.06
0.05
0.04
0.03
LVR012
0.18
0.15
0.12
0.12
0.10
0.09
0.07
0.06
0.04
LVR016
0.24
0.20
0.16
0.16
0.13
0.11
0.10
0.08
0.05
LVR025
0.38
0.32
0.26
0.25
0.21
0.18
0.15
0.13
0.09
LVR033
0.50
0.42
0.34
0.33
0.27
0.23
0.20
0.17
0.11
LVR040
0.61
0.51
0.41
0.40
0.33
0.28
0.24
0.20
0.14
LVR055K
0.80
0.68
0.55
0.54
0.46
0.40
0.35
0.29
0.22
LVR055S
0.80
0.68
0.55
0.54
0.46
0.40
0.35
0.29
0.22
LVRL075S
1.08
0.93
0.75
0.74
0.64
0.57
0.51
0.44
0.35
LVRL100S
1.40
1.19
1.00
0.94
0.82
0.73
0.65
0.57
0.45
LVRL125S
1.80
1.53
1.25
1.20
1.04
0.94
0.83
0.73
0.60
LVRL135S
2.00
1.65
1.35
1.29
1.12
1.01
0.90
0.78
0.65
LVRL200S
3.05
2.55
2.00
1.97
1.72
1.55
1.39
1.22
0.98
BBRF
99VAC
BBRF550
0.85
0.75
0.65
0.55
0.45
0.40
0.35
0.30
0.22
BBRF750
1.15
1.00
0.90
0.75
0.61
0.55
0.48
0.41
0.30
RXEF
60V
RXEF005
0.078
0.068
0.06
0.05
0.048
0.04
0.035
0.032
0.027
0.02
RXEF010
0.16
0.14
0.11
0.10
0.096
0.08
0.072
0.067
0.05
0.04
RXEF017
0.26
0.23
0.21
0.17
0.16
0.14
0.12
0.11
0.09
0.07
RXEF
72V
RXEF020
0.31
0.27
0.24
0.20
0.19
0.16
0.14
0.13
0.11
0.08
RXEF025
0.39
0.34
0.30
0.25
0.24
0.20
0.18
0.16
0.14
0.10
RXEF030
0.47
0.41
0.36
0.30
0.29
0.24
0.22
0.20
0.16
0.12
RXEF040
0.62
0.54
0.48
0.40
0.38
0.32
0.29
0.25
0.22
0.16
RXEF050
0.78
0.68
0.60
0.50
0.48
0.41
0.36
0.32
0.27
0.20
RXEF065
1.01
0.88
0.77
0.65
0.62
0.53
0.47
0.41
0.35
0.26
RXEF075
1.16
1.02
0.89
0.75
0.72
0.61
0.54
0.47
0.41
0.30
RXEF090
1.40
1.22
1.07
0.90
0.86
0.73
0.65
0.57
0.49
0.36
LVR
LVRL
BBRF
RXEF
RXEF
RTEF
RUEF
RGEF
RHEF
RHEF
RUSBF
RUSBF
Voltage Rating
265VAC
135VAC
99V
72V
60V
33V
30V
16V
16V
30V
16V
6V
Hold Current (A)
———————————
2.000
0.431Ω
0.061Ω
——
2.500
0.065Ω
0.030Ω
0.038Ω
0.030Ω
3.000
0.050Ω
0.035Ω
0.0514Ω
0.043Ω
——
3.750
0.040Ω
———————
4.000
0.020Ω
0.030Ω
0.032Ω
——
4.500
0.029Ω
——
5.000
0.020Ω
0.0192Ω
———
5.500
0.020Ω
——
6.000
0.013Ω
0.0145Ω
0.0175Ω
——
6.500
0.0144Ω
——
7.000
0.013Ω
0.0105Ω
0.0132Ω
——
7.500
0.012Ω
——
8.000
0.013Ω
0.0086Ω
0.0110Ω
——
9.000
0.008Ω
0.0070Ω
0.010Ω
——
10.00
0.0056Ω
0.0083Ω
——
11.00
0.0050Ω
0.0073Ω
——
12.00
0.0046Ω
———
13.00
0.0055Ω
——
14.00
0.0040Ω
0.005Ω
——
15.00
0.005Ω
——
Table R2 - Thermal Derating for Radial-leaded Devices [Hold Current (A) at Ambient Temperature (°C)]
Table R1 - Product Series - Current Rating, Voltage Rating/Typical Resistance for Radial-leaded Devices
Cont'd
...
13
112


Similar Part No. - RUEF600-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RUEF600-2 MACOM-RUEF600-2 Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
More results

Similar Description - RUEF600-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com