Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2978CUPPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2978CUPPBF
Description  Octal PMBus Power Supply Monitor and Controller with EEPROM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2978CUPPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2978CUPPBF Datasheet HTML 6Page - Linear Technology LTC2978CUPPBF Datasheet HTML 7Page - Linear Technology LTC2978CUPPBF Datasheet HTML 8Page - Linear Technology LTC2978CUPPBF Datasheet HTML 9Page - Linear Technology LTC2978CUPPBF Datasheet HTML 10Page - Linear Technology LTC2978CUPPBF Datasheet HTML 11Page - Linear Technology LTC2978CUPPBF Datasheet HTML 12Page - Linear Technology LTC2978CUPPBF Datasheet HTML 13Page - Linear Technology LTC2978CUPPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
LTC2978
0
2978fa
Typical perForMance characTerisTics
Voltage Buffered IDAC Offset
Voltage vs Temperature
Voltage Buffered IDAC-INL
Voltage Buffered IDAC Load
Regulation (Sourcing)
IDAC Voltage Buffer Load
Regulation (Sinking)
IDAC Voltage Buffer Short-Circuit
Current vs Temperature
IDAC Voltage Buffer Transient
Response to 1LSB DAC Code
Change
IDAC Voltage Buffer Soft Connect
Transient Response when
Transitioning from Hi-Z State to
ON State
Voltage Buffered IDAC DNL
IDAC Voltage Buffer Soft Connect
Transient Response when
Transitioning from ON State to
Hi-Z State
TEMPERATURE (°C)
–50
2.5
2.3
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
0.5
70
2978 G16
–20
–35
10
–5
40 55
85
25
100
DAC CODE
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
800
2978 G17
200
400
600
1000
DAC CODE
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
800
2978 G18
200
400
600
1000
CURRENT (mA)
0
2.678
2.680
2.684
2.686
2.688
2.698
85°C
2.692
–0.5
–1 –1.25
2978 G19
2.682
2.694
2.696
2.690
–0.25
–0.75
–1.50 1.75 –2
25°C
–40°C
CURRENT (mA)
0
0.5
1 1.25
2
2978 G20
0.25
0.75
1.5 1.75
0.1038
0.1036
0.1034
0.1032
85°C
25°C
0.1030
0.1028
0.1026
–40°C
TEMPERATURE (°C)
8.70
8.80
8.90
9.00
8.75
8.85
8.95
–20
10
40
70
2978 G21
100
–35
–50
–5
25
55
85
10mV/DIV
500µs/DIV
100k SERIES RESISTANCE ON
CODE: ‘h1FF
2978 G23
HI-Z
CONNECTED
10mV/DIV
500µs/DIV
100k SERIES RESISTANCE ON
CODE: ‘h1FF
2978 G24
CONNECTED
HI-Z
500µV/DIV
2µs/DIV
2978 G22
CODE ‘h1FF
CODE ‘h200


Similar Part No. - LTC2978CUPPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2978 LINER-LTC2978 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC2978 LINER-LTC2978 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC2978 LINER-LTC2978 Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTC2978 LINER-LTC2978 Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results

Similar Description - LTC2978CUPPBF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
logo
Analog Devices
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
   High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com