Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2978 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2978
Description  Octal PMBus Power Supply Monitor and Controller with EEPROM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2978 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2978 Datasheet HTML 15Page - Linear Technology LTC2978 Datasheet HTML 16Page - Linear Technology LTC2978 Datasheet HTML 17Page - Linear Technology LTC2978 Datasheet HTML 18Page - Linear Technology LTC2978 Datasheet HTML 19Page - Linear Technology LTC2978 Datasheet HTML 20Page - Linear Technology LTC2978 Datasheet HTML 21Page - Linear Technology LTC2978 Datasheet HTML 22Page - Linear Technology LTC2978 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
LTC2978

2978fa
Summary
COMMAND FUNCTION
DESCRIPTION
R/W
DATA
LENGTH
(BITS)
COMMAND
BYTE VALUE
NV
MEMORY
TYPE
DEFAULT
VALUE
PAGED
?
VOUT_UV_FAULT_LIMIT
Undervoltage DC/DC converter fault limit
setting. This limit is also used to determine
if Ton_max_fault has been met and the
unit is on.
R/W
16
‘h44
EEPROM
‘h1CCD
Y
VOUT_UV_FAULT_RESPONSE
The VOUT_UV_FAULT_RESPONSE
command instructs the device on
what action to take in response to an
undervoltage fault.
R/W
8
‘h45
EEPROM
‘h7F
Y
OT_FAULT_LIMIT
Overtemperature fault limit setting.
R/W
16
‘h4F
EEPROM
‘hEAA8
N
OT_FAULT_RESPONSE
The OT_FAULT_RESPONSE command
instructs the device on what action to take
in response to an overtemperature fault.
R/W
8
‘h50
EEPROM
‘hB8
N
OT_WARN_LIMIT
Overtemperature warning limit setting.
R/W
16
‘h51
EEPROM
‘hEA58
N
UT_WARN_LIMIT
Undertemperature warn limit setting.
R/W
16
‘h52
EEPROM
‘h8000
N
UT_FAULT_LIMIT
Undertemperature fault limit setting.
R/W
16
‘h53
EEPROM
‘hCD80
N
UT_FAULT_RESPONSE
The UT_FAULT_RESPONSE command
instructs the device on what action to take
in response to an undertemperature fault.
R/W
8
‘h54
EEPROM
‘hB8
N
VIN_OV_FAULT_LIMIT
Input supply overvoltage fault limit setting. R/W
16
‘h55
EEPROM
‘hD3C0
N
VIN_OV_FAULT_RESPONSE
The VIN_OV_FAULT_RESPONSE command
instructs the device on what action to take
in response to an input overvoltage fault.
R/W
8
‘h56
EEPROM
‘h80
N
VIN_OV_WARN_LIMIT
Overvoltage input supply warning limit
setting.
R/W
16
‘h57
EEPROM
‘hD380
N
VIN_UV_WARN_LIMIT
Undervoltage input supply warning limit
setting.
R/W
16
‘h58
EEPROM
‘h8000
N
VIN_UV_FAULT_LIMIT
Undervoltage input supply fault limit
setting.
R/W
16
‘h59
EEPROM
‘h8000
N
VIN_UV_FAULT_RESPONSE
The VIN_UV_FAULT_RESPONSE command
instructs the device on what action to take
in response to an input undervoltage fault.
R/W
8
‘h5A
EEPROM
‘h00
N
POWER_GOOD_ON
Output voltage at or above which a power
good should be asserted.
R/W
16
‘h5E
EEPROM
‘h1EB8
Y
POWER_GOOD_OFF
Output voltage at or below which a power
good should be deasserted.
R/W
16
‘h5F
EEPROM
‘h1E14
Y
TON_DELAY
Time, in ms, from CONTROL and/or
Operation on to VOUT_EN on.
R/W
16
‘h60
EEPROM
‘hBA00
Y
TON_RISE
Time, in ms, from when the output starts
to rise until the LTC2978 optionally soft-
connects its voltage-buffered current DAC
and begins to servo the output voltage to
the desired value.
R/W
16
‘h61
EEPROM
‘hD280
Y
TON_MAX_FAULT_LIMIT
Maximum time, in ms, from VOUT_EN
on assertion that an UV condition will
be tolerated before a TON_MAX_FAULT
condition results.
R/W
16
‘h62
EEPROM
‘hD3C0
Y
TON_MAX_FAULT_RESPONSE
Specifies response to a TON_MAX_FAULT
event.
R/W
8
‘h63
EEPROM
‘hB8
Y
operaTion


Similar Part No. - LTC2978

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2978 LINER-LTC2978 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC2978 LINER-LTC2978 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC2978 LINER-LTC2978 Datasheet
469Kb / 28P
   de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTC2978 LINER-LTC2978 Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
LTC2978A LINER-LTC2978A Datasheet
891Kb / 80P
   8-Channel PMBus Power System Manager Featuring Accurate Output Voltage Measurement
More results

Similar Description - LTC2978

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
logo
Analog Devices
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
   High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
   Digital Power Monitor with PMBus Interface
ADP1055 AD-ADP1055 Datasheet
1Mb / 140P
   Digital Controller for Power Supply Applications with PMBus Interface
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
   Digital Controller for Isolated Power Supply with PMBus Interface
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com