Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC144VE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTC144VE
Description  NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 10 k廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC144VE Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTC144VE Datasheet HTML 1Page - NXP Semiconductors PDTC144VE Datasheet HTML 2Page - NXP Semiconductors PDTC144VE Datasheet HTML 3Page - NXP Semiconductors PDTC144VE Datasheet HTML 4Page - NXP Semiconductors PDTC144VE Datasheet HTML 5Page - NXP Semiconductors PDTC144VE Datasheet HTML 6Page - NXP Semiconductors PDTC144VE Datasheet HTML 7Page - NXP Semiconductors PDTC144VE Datasheet HTML 8Page - NXP Semiconductors PDTC144VE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PDTC144V_SER_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 16 November 2009
2 of 11
NXP Semiconductors
PDTC144V series
NPN resistor-equipped transistors; R1 = 47 k
Ω, R2 = 10 kΩ
2.
Pinning information
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
SOT54
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54A
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54 variant
1
input (base)
2
output (collector)
3
GND (emitter)
SOT23, SOT323, SOT346, SOT416
1
input (base)
2
GND (emitter)
3
output (collector)
SOT883
1
input (base)
2
GND (emitter)
3
output (collector)
001aab347
1
2
3
006aaa145
2
3
1
R1
R2
001aab348
1
2
3
006aaa145
2
3
1
R1
R2
001aab447
1
2
3
006aaa145
2
3
1
R1
R2
006aaa144
12
3
sym007
3
2
1
R1
R2
sym007
3
2
1
R1
R2


Similar Part No. - PDTC144VE

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC144VE NEXPERIA-PDTC144VE Datasheet
260Kb / 12P
   NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PDTC144VE NEXPERIA-PDTC144VE Datasheet
236Kb / 19P
   PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04 - 3 September 2009
More results

Similar Description - PDTC144VE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114Y NXP-PDTC114Y Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 17
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PIMH9 NXP-PIMH9 Datasheet
157Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 14
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PQMH2 NEXPERIA-PQMH2 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
PEMD9 NXP-PEMD9 Datasheet
149Kb / 9P
   NPN/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Apr 15
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144VMB PHILIPS-PDTC144VMB_15 Datasheet
511Kb / 11P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
Rev. 1-12 June 2012
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com