Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC144TE Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTC144TE
Description  NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC144TE Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTC144TE Datasheet HTML 6Page - NXP Semiconductors PDTC144TE Datasheet HTML 7Page - NXP Semiconductors PDTC144TE Datasheet HTML 8Page - NXP Semiconductors PDTC144TE Datasheet HTML 9Page - NXP Semiconductors PDTC144TE Datasheet HTML 10Page - NXP Semiconductors PDTC144TE Datasheet HTML 11Page - NXP Semiconductors PDTC144TE Datasheet HTML 12Page - NXP Semiconductors PDTC144TE Datasheet HTML 13Page - NXP Semiconductors PDTC144TE Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2004 Aug 17
10
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = open
PDTC144T series
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-04
06-03-16
IEC
JEDEC
JEITA
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT23


Similar Part No. - PDTC144TE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144TE PHILIPS-PDTC144TE Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
logo
Nexperia B.V. All right...
PDTC144TE NEXPERIA-PDTC144TE Datasheet
404Kb / 15P
   NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTC144TE NEXPERIA-PDTC144TE Datasheet
401Kb / 15P
   PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 05
PDTC144TE NEXPERIA-PDTC144TE Datasheet
404Kb / 15P
   NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
logo
NXP Semiconductors
PDTC144TEF PHILIPS-PDTC144TEF Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
More results

Similar Description - PDTC144TE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144T PHILIPS-PDTC144T_15 Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 17
PEMH14_PUMH14 PHILIPS-PEMH14_PUMH14_15 Datasheet
101Kb / 8P
   NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = open
Rev. 03-15 November 2009
PEMH14 NXP-PEMH14 Datasheet
101Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
Rev. 03-15 November 2009
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PQMH2 NEXPERIA-PQMH2 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTA144T NXP-PDTA144T Datasheet
180Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 05
PDTC144TMB PHILIPS-PDTC144TMB_15 Datasheet
586Kb / 11P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = open
Rev. 1-29 June 2012
logo
Nexperia B.V. All right...
PDTC144TMB NEXPERIA-PDTC144TMB Datasheet
721Kb / 12P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = open
logo
NXP Semiconductors
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com