Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC143ZK Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDTC143ZK
Description  NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC143ZK Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PDTC143ZK Datasheet HTML 2Page - NXP Semiconductors PDTC143ZK Datasheet HTML 3Page - NXP Semiconductors PDTC143ZK Datasheet HTML 4Page - NXP Semiconductors PDTC143ZK Datasheet HTML 5Page - NXP Semiconductors PDTC143ZK Datasheet HTML 6Page - NXP Semiconductors PDTC143ZK Datasheet HTML 7Page - NXP Semiconductors PDTC143ZK Datasheet HTML 8Page - NXP Semiconductors PDTC143ZK Datasheet HTML 9Page - NXP Semiconductors PDTC143ZK Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2004 Aug 16
6
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 47 kΩ
PDTC143Z series
PACKAGE OUTLINES
UNIT
A1
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.50
0.35
0.26
0.10
3.1
2.7
1.7
1.3
0.95
e
1.9
3.0
2.5
0.33
0.23
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
SOT346
TO-236
SC-59A
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.3
1.0
0.1
0.013
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT346
04-11-11
06-03-16


Similar Part No. - PDTC143ZK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143ZK PHILIPS-PDTC143ZK Datasheet
49Kb / 8P
   NPN resistor-equipped transistor
1999 May 21
PDTC143ZK PHILIPS-PDTC143ZK Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
More results

Similar Description - PDTC143ZK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PQMH13 NEXPERIA-PQMH13 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMH13 NXP-PEMH13 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Apr 14
PEMD13 NXP-PEMD13 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PQMD13 NEXPERIA-PQMD13 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 4.7 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC143ZMB PHILIPS-PDTC143ZMB_15 Datasheet
720Kb / 11P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
Rev. 1-11 June 2012
PDTA143Z NXP-PDTA143Z Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
PDTC143E NXP-PDTC143E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
logo
Nexperia B.V. All right...
PDTC143ZMB NEXPERIA-PDTC143ZMB Datasheet
961Kb / 12P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com