Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC144E Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDTC144E
Description  NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC144E Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDTC144E Datasheet HTML 6Page - NXP Semiconductors PDTC144E Datasheet HTML 7Page - NXP Semiconductors PDTC144E Datasheet HTML 8Page - NXP Semiconductors PDTC144E Datasheet HTML 9Page - NXP Semiconductors PDTC144E Datasheet HTML 10Page - NXP Semiconductors PDTC144E Datasheet HTML 11Page - NXP Semiconductors PDTC144E Datasheet HTML 12Page - NXP Semiconductors PDTC144E Datasheet HTML 13Page - NXP Semiconductors PDTC144E Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2004 Aug 17
11
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 47 kΩ
PDTC144E series
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-04
06-03-16
IEC
JEDEC
JEITA
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT23


Similar Part No. - PDTC144E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144E PHILIPS-PDTC144E Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
logo
Nexperia B.V. All right...
PDTC144E NEXPERIA-PDTC144E Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
Rev. 9 - 15 November 2011
logo
NXP Semiconductors
PDTC144EE PHILIPS-PDTC144EE Datasheet
65Kb / 8P
   NPN resistor-equipped transistor
1998 Jul 16
PDTC144EE PHILIPS-PDTC144EE Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k ohm, R2 = 47 k ohm
2004 Aug 17
PDTC144EE PHILIPS-PDTC144EE Datasheet
760Kb / 17P
   NPN resistor-equipped transistors
Rev. 9-15 November 2011
More results

Similar Description - PDTC144E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
logo
Nexperia B.V. All right...
PQMH2 NEXPERIA-PQMH2 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors;R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PEMD48 NXP-PEMD48 Datasheet
126Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓 and R1 = 2.2 k廓, R2 = 47 k廓
Rev. 05-13 April 2010
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PDTC144EMB NEXPERIA-PDTC144EMB Datasheet
966Kb / 12P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
PDTC144EMB PHILIPS-PDTC144EMB_15 Datasheet
725Kb / 11P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
Rev. 1-11 June 2012
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PDTC123J NXP-PDTC123J Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com