Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC143X Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PDTC143X
Description  NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k廓
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC143X Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PDTC143X Datasheet HTML 4Page - NXP Semiconductors PDTC143X Datasheet HTML 5Page - NXP Semiconductors PDTC143X Datasheet HTML 6Page - NXP Semiconductors PDTC143X Datasheet HTML 7Page - NXP Semiconductors PDTC143X Datasheet HTML 8Page - NXP Semiconductors PDTC143X Datasheet HTML 9Page - NXP Semiconductors PDTC143X Datasheet HTML 10Page - NXP Semiconductors PDTC143X Datasheet HTML 11Page - NXP Semiconductors PDTC143X Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PDTC143X_SER_10
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 10 — 16 November 2009
9 of 12
NXP Semiconductors
PDTC143X series
NPN resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 10 kΩ
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 12.
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number Package
Description
Packing quantity
3000 4000
5000 10000
PDTC143XE
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
PDTC143XEF SOT490
4 mm pitch, 8 mm tape and reel
-
-115
-
-
PDTC143XK
SOT346
4 mm pitch, 8 mm tape and reel
-115
-
-
-135
PDTC143XM
SOT883
2 mm pitch, 8 mm tape and reel
-
-
-
-315
PDTC143XS
SOT54
bulk, straight leads
-
-
-412
-
SOT54A
tape and reel, wide pitch
-
-
-
-116
tape ammopack, wide pitch
-
-
-
-126
SOT54 variant bulk, delta pinning
-
-
-112
-
PDTC143XT
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-
-235
PDTC143XU
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-
-135


Similar Part No. - PDTC143X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
logo
Nexperia B.V. All right...
PDTC143X NEXPERIA-PDTC143X Datasheet
1Mb / 18P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
logo
NXP Semiconductors
PDTC143XE PHILIPS-PDTC143XE Datasheet
50Kb / 8P
   NPN resistor-equipped transistor
1999 May 21
PDTC143XE PHILIPS-PDTC143XE Datasheet
86Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTC143XE NXP-PDTC143XE Datasheet
752Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k?
Rev. 11-9 December 2011
More results

Similar Description - PDTC143X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH18 NXP-PEMH18 Datasheet
109Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 03-20 November 2009
PDTC143E NXP-PDTC143E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
PDTC143XT.215 NXP-PDTC143XT.215 Datasheet
752Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k?
Rev. 11-9 December 2011
PDTC143Z NXP-PDTC143Z Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 16
logo
Nexperia B.V. All right...
PDTC143XMB NEXPERIA-PDTC143XMB Datasheet
962Kb / 12P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PDTC143XMB PHILIPS-PDTC143XMB_15 Datasheet
722Kb / 11P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 1-7 June 2012
PDTA143E NXP-PDTA143E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 04
logo
Nexperia B.V. All right...
PQMH13 NEXPERIA-PQMH13 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
PDTC143EMB NEXPERIA-PDTC143EMB Datasheet
960Kb / 12P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com