Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVN4206A Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZVN4206A
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZVN4206A Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZVN4206A Datasheet HTML 1Page - Zetex Semiconductors ZVN4206A Datasheet HTML 2Page - Zetex Semiconductors ZVN4206A Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
N-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 2 – JUNE 94
FEATURES
*
60 Volt V
DS
*R
DS(on) =1 Ω
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
V
DS
60
V
Continuous Drain Current at T
amb=25°C
I
D
600
mA
Pulsed Drain Current
I
DM
8A
Gate-Source Voltage
V
GS
± 20
V
Power Dissipation at T
amb=25°C
P
tot
0.7
W
Operating and Storage Temperature Range
T
j:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX. UNIT CONDITIONS.
Drain-Source Breakdown
Voltage
BV
DSS
60
V
I
D=1mA, VGS=0V
Gate-Source Threshold
Voltage
V
GS(th)
1.3
3
V
ID=1mA, V
DS=VGS
Gate-Body Leakage
I
GSS
100
nA
V
GS=± 20V, VDS=0V
Zero Gate Voltage Drain
Current
I
DSS
10
100
µA
µA
V
DS=60V, VGS=0
V
DS=48V, VGS=0V, T=125°C(2)
On-State Drain Current(1)
I
D(on)
3A
V
DS=25V, VGS=10V
Static Drain-Source On-State
Resistance (1)
R
DS(on)
1
1.5
V
GS=10V,ID=1.5A
V
GS=5V,ID=500mA
Forward Transconductance(1)(2
)
g
fs
300
mS
V
DS=25V,ID=1.5A
Input Capacitance (2)
C
iss
100
pF
Common Source Output
Capacitance (2)
C
oss
60
pF
V
DS=25V, VGS=0V, f=1MHz
Reverse Transfer Capacitance
(2)
C
rss
20
pF
Turn-On Delay Time (2)(3)
t
d(on)
8ns
V
DD ≈25V,
I
D=1.5A
Rise Time (2)(3)
t
r
12
ns
Turn-Off Delay Time (2)(3)
t
d(off)
12
ns
Fall Time (2)(3)
t
f
15
ns
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% (2) Sample test.
(3) Switching times measured with 50
Ω source impedance and <5ns rise time on a pulse generator
ZVN4206A
D
G
S
E-LINE
TO92 COMPATIBLE


Similar Part No. - ZVN4206A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN4206A DIODES-ZVN4206A Datasheet
109Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Zetex Semiconductors
ZVN4206AV ZETEX-ZVN4206AV Datasheet
95Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN4206AV DIODES-ZVN4206AV Datasheet
104Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206AV DIODES-ZVN4206AV_15 Datasheet
104Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206A DIODES-ZVN4206A_15 Datasheet
109Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN4206A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com