Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC143TEF Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDTC143TEF
Description  NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC143TEF Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDTC143TEF Datasheet HTML 6Page - NXP Semiconductors PDTC143TEF Datasheet HTML 7Page - NXP Semiconductors PDTC143TEF Datasheet HTML 8Page - NXP Semiconductors PDTC143TEF Datasheet HTML 9Page - NXP Semiconductors PDTC143TEF Datasheet HTML 10Page - NXP Semiconductors PDTC143TEF Datasheet HTML 11Page - NXP Semiconductors PDTC143TEF Datasheet HTML 12Page - NXP Semiconductors PDTC143TEF Datasheet HTML 13Page - NXP Semiconductors PDTC143TEF Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2004 Aug 06
11
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open
PDTC143T series
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
2.2
1.8
1.35
1.15
0.65
e
1.3
2.2
2.0
0.23
0.13
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT323
SC-70
w M
bp
D
e1
e
A
B
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
y
0
1
2 mm
scale
A
X
12
3
Plastic surface-mounted package; 3 leads
SOT323
04-11-04
06-03-16


Similar Part No. - PDTC143TEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143TEF PHILIPS-PDTC143TEF Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
logo
Nexperia B.V. All right...
PDTC143TEF NEXPERIA-PDTC143TEF Datasheet
402Kb / 15P
   NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC143TEF NEXPERIA-PDTC143TEF Datasheet
385Kb / 15P
   PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
PDTC143TEF NEXPERIA-PDTC143TEF Datasheet
402Kb / 15P
   NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
2004 Aug 06
More results

Similar Description - PDTC143TEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143T PHILIPS-PDTC143T_15 Datasheet
180Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 06
PEMH7 NXP-PEMH7 Datasheet
137Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 02
PEMH7_PUMH7 PHILIPS-PEMH7_PUMH7_15 Datasheet
137Kb / 8P
   NPN/NPN resistor-equipped transistors R1 = 4.7 k廓, R2 = open
2003 Oct 02
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
PDTC143E NXP-PDTC143E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
PEMD6 NXP-PEMD6 Datasheet
298Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
PEMD6_PUMD6 PHILIPS-PEMD6_PUMD6_15 Datasheet
298Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
PDTA143T NXP-PDTA143T Datasheet
173Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 04
PDTC143TMB PHILIPS-PDTC143TMB_15 Datasheet
587Kb / 11P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = open
Rev. 2-4 May 2012
logo
Nexperia B.V. All right...
PDTC143TMB NEXPERIA-PDTC143TMB Datasheet
722Kb / 12P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = open
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com