Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC143TEF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PDTC143TEF
Description  NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC143TEF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PDTC143TEF Datasheet HTML 5Page - NXP Semiconductors PDTC143TEF Datasheet HTML 6Page - NXP Semiconductors PDTC143TEF Datasheet HTML 7Page - NXP Semiconductors PDTC143TEF Datasheet HTML 8Page - NXP Semiconductors PDTC143TEF Datasheet HTML 9Page - NXP Semiconductors PDTC143TEF Datasheet HTML 10Page - NXP Semiconductors PDTC143TEF Datasheet HTML 11Page - NXP Semiconductors PDTC143TEF Datasheet HTML 12Page - NXP Semiconductors PDTC143TEF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2004 Aug 06
9
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open
PDTC143T series
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.38
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
max.
2.5
b1
0.66
0.55
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43A
04-06-28
04-11-16
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - PDTC143TEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143TEF PHILIPS-PDTC143TEF Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
logo
Nexperia B.V. All right...
PDTC143TEF NEXPERIA-PDTC143TEF Datasheet
402Kb / 15P
   NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC143TEF NEXPERIA-PDTC143TEF Datasheet
385Kb / 15P
   PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
PDTC143TEF NEXPERIA-PDTC143TEF Datasheet
402Kb / 15P
   NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
2004 Aug 06
More results

Similar Description - PDTC143TEF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC143T PHILIPS-PDTC143T_15 Datasheet
180Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 06
PEMH7 NXP-PEMH7 Datasheet
137Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 02
PEMH7_PUMH7 PHILIPS-PEMH7_PUMH7_15 Datasheet
137Kb / 8P
   NPN/NPN resistor-equipped transistors R1 = 4.7 k廓, R2 = open
2003 Oct 02
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
PDTC143E NXP-PDTC143E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
PEMD6 NXP-PEMD6 Datasheet
298Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
PEMD6_PUMD6 PHILIPS-PEMD6_PUMD6_15 Datasheet
298Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Apr 07
PDTA143T NXP-PDTA143T Datasheet
173Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 04
PDTC143TMB PHILIPS-PDTC143TMB_15 Datasheet
587Kb / 11P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = open
Rev. 2-4 May 2012
logo
Nexperia B.V. All right...
PDTC143TMB NEXPERIA-PDTC143TMB Datasheet
722Kb / 12P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = open
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com