Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC143EM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTC143EM
Description  NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC143EM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTC143EM Datasheet HTML 6Page - NXP Semiconductors PDTC143EM Datasheet HTML 7Page - NXP Semiconductors PDTC143EM Datasheet HTML 8Page - NXP Semiconductors PDTC143EM Datasheet HTML 9Page - NXP Semiconductors PDTC143EM Datasheet HTML 10Page - NXP Semiconductors PDTC143EM Datasheet HTML 11Page - NXP Semiconductors PDTC143EM Datasheet HTML 12Page - NXP Semiconductors PDTC143EM Datasheet HTML 13Page - NXP Semiconductors PDTC143EM Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2004 Aug 05
10
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 4.7 kΩ
PDTC143E series
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-04
06-03-16
IEC
JEDEC
JEITA
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT23


Similar Part No. - PDTC143EM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC143EM NEXPERIA-PDTC143EM Datasheet
817Kb / 12P
   50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 4.7 kΩ
1 April 2023
PDTC143EM NEXPERIA-PDTC143EM Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 8 - 8 December 2011
PDTC143EMB NEXPERIA-PDTC143EMB Datasheet
960Kb / 12P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
More results

Similar Description - PDTC143EM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
PDTA143E NXP-PDTA143E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 04
logo
Nexperia B.V. All right...
PDTC143EMB NEXPERIA-PDTC143EMB Datasheet
960Kb / 12P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
logo
NXP Semiconductors
PDTC143X NXP-PDTC143X Datasheet
147Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 10-16 November 2009
PDTC143Z NXP-PDTC143Z Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 16
logo
Nexperia B.V. All right...
PDTA143EMB NEXPERIA-PDTA143EMB Datasheet
839Kb / 12P
   PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
logo
NXP Semiconductors
PEMH18 NXP-PEMH18 Datasheet
109Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 03-20 November 2009
logo
Nexperia B.V. All right...
PQMH13 NEXPERIA-PQMH13 Datasheet
708Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTC143XT.215 NXP-PDTC143XT.215 Datasheet
752Kb / 17P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 10 k?
Rev. 11-9 December 2011
PEMH13 NXP-PEMH13 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com