Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC124XM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTC124XM
Description  NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC124XM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTC124XM Datasheet HTML 4Page - NXP Semiconductors PDTC124XM Datasheet HTML 5Page - NXP Semiconductors PDTC124XM Datasheet HTML 6Page - NXP Semiconductors PDTC124XM Datasheet HTML 7Page - NXP Semiconductors PDTC124XM Datasheet HTML 8Page - NXP Semiconductors PDTC124XM Datasheet HTML 9Page - NXP Semiconductors PDTC124XM Datasheet HTML 10Page - NXP Semiconductors PDTC124XM Datasheet HTML 11Page - NXP Semiconductors PDTC124XM Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PDTC124X_SER_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 16 November 2009
10 of 12
NXP Semiconductors
PDTC124X series
NPN resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PDTC124X_SER_7
20091116
Product data sheet
-
PDTC124X_SER_6
Modifications:
This data sheet was changed to reflect the new company name NXP Semiconductors,
including new legal definitions and disclaimers. No changes were made to the technical
content.
PDTC124X_SER_6
20050714
Product data sheet
-
PDTC124X_SERIES_5
PDTC124X_SERIES_5
20040813
Product specification
-
PDTC124X_SERIES_4
PDTC124X_SERIES_4
20030410
Product specification
-
PDTC124XEF_2
PDTC124XE_3
PDTC124XE_3
19990518
Product specification
-
PDTC124XE_2
PDTC124XE_2
19980921
Product specification
-
PDTC124XE_1
PDTC124XE_1
19971215
Product specification
-
-
PDTC124XEF_2
19990518
Preliminary specification -
PDTC124XEF_1
PDTC124XEF_1
19981111
Preliminary specification -
-


Similar Part No. - PDTC124XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC124XM PHILIPS-PDTC124XM Datasheet
83Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
Rev. 06-14 July 2005
logo
Nexperia B.V. All right...
PDTC124XM NEXPERIA-PDTC124XM Datasheet
260Kb / 13P
   NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 47 kΩ
Rev. 07 - 16 November 2009
PDTC124XM NEXPERIA-PDTC124XM Datasheet
205Kb / 13P
   PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08 - 3 September 2009
PDTC124XMB NEXPERIA-PDTC124XMB Datasheet
619Kb / 12P
   NPN resistor-equipped transistor; R1 = 22 k廓, R2 = 47 k廓
More results

Similar Description - PDTC124XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144WE-115 PHILIPS-PDTC144WE-115 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PEMH16_PUMH16 PHILIPS-PEMH16_PUMH16_15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 22 k廓, R2 = 47 k廓
Rev. 04-15 November 2009
PEMH17 NXP-PEMH17 Datasheet
282Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PQMD16 NEXPERIA-PQMD16 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com