Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTC114E Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PDTC114E
Description  NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTC114E Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PDTC114E Datasheet HTML 6Page - NXP Semiconductors PDTC114E Datasheet HTML 7Page - NXP Semiconductors PDTC114E Datasheet HTML 8Page - NXP Semiconductors PDTC114E Datasheet HTML 9Page - NXP Semiconductors PDTC114E Datasheet HTML 10Page - NXP Semiconductors PDTC114E Datasheet HTML 11Page - NXP Semiconductors PDTC114E Datasheet HTML 12Page - NXP Semiconductors PDTC114E Datasheet HTML 13Page - NXP Semiconductors PDTC114E Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2004 Aug 05
10
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistor;
R1 = 10 k
Ω, R2 = 10 kΩ
PDTC114E series
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
5.2
5.0
b
0.48
0.40
c
0.45
0.38
D
4.8
4.4
d
1.7
1.4
E
4.2
3.6
L
14.5
12.7
e
2.54
e1
1.27
L1
(1)
max.
2.5
b1
0.66
0.55
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
SOT54
TO-92
SC-43A
04-06-28
04-11-16
A
L
0
2.5
5 mm
scale
b
c
D
b1
L1
d
E
Plastic single-ended leaded (through hole) package; 3 leads
SOT54
e1
e
1
2
3


Similar Part No. - PDTC114E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114E PHILIPS-PDTC114E Datasheet
92Kb / 14P
   NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
2004 Aug 05
logo
Nexperia B.V. All right...
PDTC114E NEXPERIA-PDTC114E Datasheet
1Mb / 17P
   NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
logo
NXP Semiconductors
PDTC114EE PHILIPS-PDTC114EE Datasheet
64Kb / 8P
   NPN resistor-equipped transistor
1999 May 18
PDTC114EE PHILIPS-PDTC114EE Datasheet
92Kb / 14P
   NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
2004 Aug 05
PDTC114EE NXP-PDTC114EE Datasheet
717Kb / 17P
   NPN resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 12-21 December 2011
More results

Similar Description - PDTC114E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EMB NXP-PDTC114EMB Datasheet
699Kb / 11P
   NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
Rev. 1-21 June 2012
PDTC144VMB PHILIPS-PDTC144VMB_15 Datasheet
511Kb / 11P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
Rev. 1-12 June 2012
logo
Nexperia B.V. All right...
PDTC143XMB NEXPERIA-PDTC143XMB Datasheet
962Kb / 12P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
PDTC123YMB NEXPERIA-PDTC123YMB Datasheet
749Kb / 12P
   NPN resistor-equipped transistor; R1 = 2.2 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PDTC143XMB PHILIPS-PDTC143XMB_15 Datasheet
722Kb / 11P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 1-7 June 2012
logo
Nexperia B.V. All right...
PDTC114YMB NEXPERIA-PDTC114YMB Datasheet
838Kb / 12P
   NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 47 k廓
PDTC144VMB NEXPERIA-PDTC144VMB Datasheet
751Kb / 12P
   NPN resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
PDTA114EMB NEXPERIA-PDTA114EMB Datasheet
845Kb / 12P
   PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
PQMH11 NEXPERIA-PQMH11 Datasheet
707Kb / 14P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PEMH11 NXP-PEMH11 Datasheet
144Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com