Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA144T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTA144T
Description  PNP resistor-equipped transistors; R1 = 47 k廓, R2 = open
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA144T Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTA144T Datasheet HTML 1Page - NXP Semiconductors PDTA144T Datasheet HTML 2Page - NXP Semiconductors PDTA144T Datasheet HTML 3Page - NXP Semiconductors PDTA144T Datasheet HTML 4Page - NXP Semiconductors PDTA144T Datasheet HTML 5Page - NXP Semiconductors PDTA144T Datasheet HTML 6Page - NXP Semiconductors PDTA144T Datasheet HTML 7Page - NXP Semiconductors PDTA144T Datasheet HTML 8Page - NXP Semiconductors PDTA144T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2004 Apr 27
2004 Aug 05
DISCRETE SEMICONDUCTORS
PDTA144T series
PNP resistor-equipped transistors;
R1 = 47 k
Ω, R2 = open


Similar Part No. - PDTA144T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA144T PHILIPS-PDTA144T Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA144T NEXPERIA-PDTA144T Datasheet
401Kb / 15P
   PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 05
logo
NXP Semiconductors
PDTA144TE PHILIPS-PDTA144TE Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 kW-ohm, R2 = open
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA144TE NEXPERIA-PDTA144TE Datasheet
404Kb / 15P
   NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTA144TE NEXPERIA-PDTA144TE Datasheet
401Kb / 15P
   PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 05
More results

Similar Description - PDTA144T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB2 NXP-PEMB2 Datasheet
144Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 15
PDTA144E NXP-PDTA144E Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 05
logo
Nexperia B.V. All right...
PDTA144TMB NEXPERIA-PDTA144TMB Datasheet
724Kb / 12P
   PNP resistor-equipped transistor; R1 = 47 k廓, R2 = open
logo
NXP Semiconductors
PDTC144T NXP-PDTC144T Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 17
PEMD12 NXP-PEMD12 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2003 Oct 08
PDTC144T PHILIPS-PDTC144T_15 Datasheet
181Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
2004 Aug 17
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
PDTA114Y NXP-PDTA114Y Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 47 k廓
2004 Aug 02
PDTA123J NXP-PDTA123J Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2004 Aug 02
PDTA143Z NXP-PDTA143Z Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com