Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHEF650 Datasheet(PDF) 10 Page - Tyco Electronics

Part # RHEF650
Description  PolySwitch??Resettable Device Short Form Catalog
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RHEF650 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button RHEF650 Datasheet HTML 6Page - Tyco Electronics RHEF650 Datasheet HTML 7Page - Tyco Electronics RHEF650 Datasheet HTML 8Page - Tyco Electronics RHEF650 Datasheet HTML 9Page - Tyco Electronics RHEF650 Datasheet HTML 10Page - Tyco Electronics RHEF650 Datasheet HTML 11Page - Tyco Electronics RHEF650 Datasheet HTML 12Page - Tyco Electronics RHEF650 Datasheet HTML 13Page - Tyco Electronics RHEF650 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TELECOM AND BROADBAND PRODUCTS
7
TR600
Figure 6
A
C
B
E
φ 0.65mm
D
TS250
Figure 3
Figure 4
Figure 5
C
top view
D
A
B
side view
C
E
D
A
B
C
E
D
A
B
New
Part
IH
IT
V max. Operating
V max. Interrupt
I max.
R min.
R max.
R1 max.
Agency
number
(A)
(A)
(Vdc)
(Vrms)
(A)
(
Ω)(Ω)(Ω)
recognition
Fig.
TS250-130
0.130
0.260
60
250 (650)
3.0
6.5
12.0
20.0
UL, TÜV, CSA
3
TS250-130-RA
0.130
0.260
60
250 (650)
3.0
6.5
9.0
15.0
UL, TÜV, CSA
3
TS250-130-RB
0.130
0.260
60
250 (650)
3.0
9.0
12.0
20.0
UL, TÜV, CSA
3
TS250-130-RC
0.130
0.260
60
250 (650)
3.0
7.0
10.0
17.0
UL, TÜV, CSA
3
TS250-130F
0.130
0.260
60
250 (650)
3.0
6.5
12.0
20.0
UL, TÜV, CSA
3
TS250-130F-RA
0.130
0.260
60
250 (650)
3.0
6.5
9.0
15.0
UL, TÜV, CSA
3
TS250-130F-RB
0.130
0.260
60
250 (650)
3.0
9.0
12.0
20.0
UL, TÜV, CSA
3
TS250-130F-RC
0.130
0.260
60
250 (650)
3.0
7.0
10.0
17.0
UL, TÜV, CSA
3
TSL250-080
0.080
0.160
80
250
3.0
5.0
11.0
20.0
UL, TÜV, CSA
4
TSL250-080F
0.080
0.160
80
250
3.0
5.0
11.0
20.0
UL, TÜV, CSA
4
TSV250-130
0.130
0.260
60
250
3.0
4.0
7.0
12.0
UL, TÜV, CSA
5
TSV250-130F
0.130
0.260
60
250
3.0
4.0
7.0
12.0
UL, TÜV, CSA
5
These products are intended for telecom applications. For continuous line voltage applications, see LVR product line. Please see the Raychem Circuit Protection Databook for
application details. Most products are available in binned versions for resistance-matched applications. Please see Raychem Circuit Protection Databook for performance details.
Part
IH
IT
V max. Operating
V max. Interrupt
I max.
R min.
R max.
R1 max.
Agency
number
(A)
(A)
(Vdc)
(Vrms)
(A)
(
Ω)(Ω)(Ω)
recognition
Fig.
TRF600-150*
0.150
0.300
250
600
3.0
6.0
10.0
17.0
Pending
6
TRF600-150-RB*
0.130
0.260
250
600
3.0
9.0
12.0
20.0
UL, CSA
6
TR600-160
0.160
0.320
250
600
3.0
4.0
10.0
18.0
UL, CSA
6
TR600-160-RA
0.160
0.320
250
600
3.0
4.0
7.0
16.0
UL, CSA
6
TR600-160-R1
0.160
0.320
250
600
3.0
4.0
8.0
17.0
UL, CSA
6
These products are intended for telecom applications. For continuous line voltage applications, see LVR product line. Please see the Raychem Circuit Protection Databook for
application details. Most products are available in binned versions for resistance-matched applications. Please see Raychem Circuit Protection Databook for performance details.
* These parts are RoHS compliant. TRF600-150 replaces TR600-150 and TR600-150-RA devices in new designs. TRF600-150-RB replaces TR600-150-RB devices in new designs.
Dimensions (millimeters/
inches)
Part
ABCD
number
(max.)
(max.)
(max.)
(typ.)
Fig.
TS250-130
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130-RA
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130-RB
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130-RC
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130F
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130F-RA
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130F-RB
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
TS250-130F-RC
9.4
(0.370)
3.4
(0.135)
7.4
(0.290)
0.3
(0.011)
3
Dimensions (millimeters/
inches)
Part
ABCDE
number
(max.)
(max.)
(max.)
(max.)
(max.)
Fig.
TSL250-080
7.9
(0.310)
3.7
(0.145)
5.3
(0.210)
0.4
(0.015)
3.1
(0.120)
4
TSL250-080F
7.9
(0.310)
3.7
(0.145)
5.3
(0.210)
0.4
(0.015)
3.1
(0.120)
4
TSV250-130
6.1
(0.240)
6.9
(0.270)
3.0
(0.126)
1.9
(0.075)
2.3
(0.091)
5
TSV250-130F
6.1
(0.240)
6.9
(0.270)
3.0
(0.126)
1.9
(0.075)
2.3
(0.091)
5
Dimensions (millimeters/
inches)
Part
ABCDE
number
(max.)
(max.)
(max.)
(min.)
(max.)
Fig.
TRF600-150*
9.0
(0.354)
12.5 (0.492)
4.6
(0.180)
4.7
(0.185)
5.0
(0.197)
6
TR600-160
16.0
(0.630)
12.6 (0.496)
6.0
(0.236)
4.7
(0.185)
5.0
(0.197)
6
* This part is RoHS compliant and replaces TR600-150 and TR600-150-RA devices in new designs.
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon
Coming Soon


Similar Part No. - RHEF650

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RHEF650 MACOM-RHEF650 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
RHEF650 MACOM-RHEF650 Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
RHEF650 MACOM-RHEF650 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
RHEF650 LITTELFUSE-RHEF650 Datasheet
337Kb / 2P
   Overcurrent Protection Device
logo
Tyco Electronics
RHEF650-2 MACOM-RHEF650-2 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
More results

Similar Description - RHEF650

ManufacturerPart #DatasheetDescription
logo
3M Electronics
P25LE-050S-DA 3M-P25LE-050S-DA Datasheet
2Mb / 32P
   Short Form Catalog
12226-5150-00PL 3M-12226-5150-00PL Datasheet
2Mb / 32P
   3M Interconnect Products Short Form Catalog
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com