Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA143EU Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDTA143EU
Description  PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA143EU Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDTA143EU Datasheet HTML 6Page - NXP Semiconductors PDTA143EU Datasheet HTML 7Page - NXP Semiconductors PDTA143EU Datasheet HTML 8Page - NXP Semiconductors PDTA143EU Datasheet HTML 9Page - NXP Semiconductors PDTA143EU Datasheet HTML 10Page - NXP Semiconductors PDTA143EU Datasheet HTML 11Page - NXP Semiconductors PDTA143EU Datasheet HTML 12Page - NXP Semiconductors PDTA143EU Datasheet HTML 13Page - NXP Semiconductors PDTA143EU Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2004 Aug 04
11
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 4.7 kΩ
PDTA143E series
UNIT
bp
cD
E
e1
HE
Lp
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
05-07-28
06-03-16
IEC
JEDEC
JEITA
mm
0.33
0.23
0.2
0.1
1.7
1.5
0.95
0.75
0.5
e
1.0
1.7
1.5
0.1
0.1
DIMENSIONS (mm are the original dimensions)
0.5
0.3
SOT490
SC-89
bp
D
e1
e
A
Lp
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
0.8
0.6
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT490


Similar Part No. - PDTA143EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143EU PHILIPS-PDTA143EU Datasheet
53Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA143EU PHILIPS-PDTA143EU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTA143EU PHILIPS-PDTA143EU Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
2004 Aug 04
logo
Nexperia B.V. All right...
PDTA143EU NEXPERIA-PDTA143EU Datasheet
1Mb / 17P
   PNP resistor-equipped transistors; R1 = 4.7 k, R2 = 4.7 k
Rev. 8 - 8 December 2011
More results

Similar Description - PDTA143EU

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA143EMB NEXPERIA-PDTA143EMB Datasheet
839Kb / 12P
   PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
logo
NXP Semiconductors
PDTC143E NXP-PDTC143E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 05
PEMH15 NXP-PEMH15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
Rev. 04-15 November 2009
PDTA143Z NXP-PDTA143Z Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
PEMB13 NXP-PEMB13 Datasheet
143Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Apr 15
logo
Nexperia B.V. All right...
PDTC143EMB NEXPERIA-PDTC143EMB Datasheet
960Kb / 12P
   NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
logo
NXP Semiconductors
PEMD13 NXP-PEMD13 Datasheet
147Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2003 Oct 08
logo
Nexperia B.V. All right...
PQMD13 NEXPERIA-PQMD13 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 4.7 k廓, R2 = 47 k廓
PDTA143XMB NEXPERIA-PDTA143XMB Datasheet
962Kb / 12P
   PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
logo
NXP Semiconductors
PDTA143T NXP-PDTA143T Datasheet
173Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2004 Aug 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com