Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA143XM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDTA143XM
Description  PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA143XM Datasheet(HTML) 5 Page - NXP Semiconductors

  PDTA143XM Datasheet HTML 1Page - NXP Semiconductors PDTA143XM Datasheet HTML 2Page - NXP Semiconductors PDTA143XM Datasheet HTML 3Page - NXP Semiconductors PDTA143XM Datasheet HTML 4Page - NXP Semiconductors PDTA143XM Datasheet HTML 5Page - NXP Semiconductors PDTA143XM Datasheet HTML 6Page - NXP Semiconductors PDTA143XM Datasheet HTML 7Page - NXP Semiconductors PDTA143XM Datasheet HTML 8Page - NXP Semiconductors PDTA143XM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PDTA143X_SER_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 16 April 2007
5 of 12
NXP Semiconductors
PDTA143X series
PNP resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 10 kΩ
7.
Characteristics
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = −50 V; IE =0A
-
-
−100
nA
ICEO
collector-emitter
cut-off current
VCE = −30 V; IB =0A
-
-
−1
µA
VCE = −30 V; IB =0A;
Tj = 150 °C
--
−50
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−600
µA
hFE
DC current gain
VCE = −5 V; IC = −10 mA
50
-
-
VCEsat
collector-emitter
saturation voltage
IC = −10 mA;
IB = −0.5 mA
--
−150
mV
VI(off)
off-state input voltage
VCE = −5 V; IC = −100 µA-
−0.9
−0.3
V
VI(on)
on-state input voltage
VCE = −0.3 V;
IC = −20 mA
−2.5
−1.5
-
V
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
R2/R1
bias resistor ratio
1.7
2.1
2.6
Cc
collector capacitance
VCB = −10 V; IE =ie =0A;
f = 1 MHz
--
3
pF


Similar Part No. - PDTA143XM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA143XM NEXPERIA-PDTA143XM Datasheet
1Mb / 18P
   NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
PDTA143XMB NEXPERIA-PDTA143XMB Datasheet
962Kb / 12P
   PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
More results

Similar Description - PDTA143XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB18 NXP-PEMB18 Datasheet
65Kb / 9P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-1 September 2009
PEMB15 NXP-PEMB15 Datasheet
72Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 04-31 August 2009
PEMD15 NXP-PEMD15 Datasheet
72Kb / 10P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 03-2 September 2009
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTA123Y NXP-PDTA123Y Datasheet
123Kb / 18P
   PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
   PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTC143Z PHILIPS-PDTC143Z Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com